Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2564L-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2564L-R
Description  2.4 GHz High Efficiency Wireless LAN Front-End
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2564L-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2564L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2564L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DATA SHEET
SE2564L: 2.4 GHz High Efficiency Wireless LAN Front-End
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202423A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
2
Pin Out Diagram
Figure 2: SE2564L Pin Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
Pin No.
Name
Description
1
Det
Power Detector Output
14
C4
Switch Control Logic
2
EN
Power Amplifier Enable
15
GND
Ground
3
GND
Ground
16
ANT1
Antenna 1
4
RF_IN
Transmit RF Input
17
GND
Ground
5
GND
Ground
18
ANT0
Antenna 0
6
GND
Ground
19
GND
Ground
7
GND
Ground
20
VCC0
Supply Voltage
8
GND
Ground
21
GND
Ground
9
RX
Receive RF Output
22
VCC2
Supply Voltage
10
GND
Ground
23
GND
Ground
11
C1
Switch Control Logic
24
VCC1
Supply Voltage
12
C2
Switch Control Logic
13
C3
Switch Control Logic
Paddle
GND
Ground
4
5
2
3
GND
RF_IN
GND
EN
1
DET
ANT1
16
15
14
13
GND
C4
C3
GND
17
10
VCC0
9
8
7
6
GND
GND
GND
GND
11
GND
12
ANT 0
20
GND
21
22
23
24
RX
GND
VCC2
VCC1
19
C1
18
C2
Match
&
Match
&
Switch Control
Bias, Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com