Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet (PDF) - Texas Instruments

ADC3908CSSS Datasheet PDF - Texas Instruments
Part # ADC3908CSSS
Download  ADC3908CSSS Download
File Size   3975.24 Kbytes
Page   131 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers

ADC3908CSSS Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3908CSSS Datasheet PDF - Texas Instruments

Part # ADC3908CSSS
Download  ADC3908CSSS Click to download

File Size   3975.24 Kbytes
Page   131 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers

ADC3908CSSS Datasheet (HTML) - Texas Instruments


ADC3908CSSS Product details

1 Features
• Sampling rate up to 125MSPS
• Latency: 1 clock cycle
• Low power (2 channel):
– 92mW at 125MSPS
– 59mW at 25MSPS
– 4mW in PD mode
• Small footprint: 32-VQFN (4mm x 4mm)
• Single or dual channel ADC
• Dual digital comparators
• Reference: internal or external
• No missing codes, ±1 LSB INL
• Buffered, differential or single ended inputs
• Input bandwidth: 150MHz (3-dB)
• Single 1.8V supply
– Optional 3.3VIO capability
• Industrial temperature range: -40 to 105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16
• Parallel (SDR, DDR) and serial CMOS interface
• Spectral performance (fIN = 5MHz):
– SNR: 61dBFS
– SFDR: 65dBc

2 Applications
• Radio receiver
• LiDAR
• Low latency control loops
• Laser scanners
• Global positioning systems
• Source measure unit
• Detection equipment

3 Description
The ADC3910Dx and ADC3910Sx are a family ultralow
power 10-bit 125MSPS high-speed single and
dual channel analog-to-digital converters. High-speed
control loops benefit from the short latency of only
1 clock cycle. The ADC consumes only 92mW at
125Msps with a power consumption that scales with
lower sampling rates.
The device uses DDR, HDDR, SDR or serial CMOS
interface to output the data from +1.8V to +3.3V
to accommodate various receiver requirements. The
device implements analog monitoring function by
event triggered interrupts per channel using a
digital comparator with programmable high and low
thresholds, hysteresis, and event counter. The device
is a pin-to-pin compatible family of ADCs with 8
and 10-bit resolution and different speed grades. The
device is available in a 32-pin VQFN package, and
supports industrial temperature range from -40 to
+105°C.




Similar Part No. - ADC3908CSSS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3908CSSS TI1-ADC3908CSSS Datasheet
3Mb / 131P
ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
DECEMBER 2023
ADC3908CSSS TI-ADC3908CSSS Datasheet
2Mb / 47P
ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
OCTOBER 2024
More results


Similar Description - ADC3908CSSS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2281 LINER-LTC2281 Datasheet
491Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
January 3, 2011
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com