Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 2Page - Texas Instruments ADC3908CSSS Datasheet HTML 3Page - Texas Instruments ADC3908CSSS Datasheet HTML 4Page - Texas Instruments ADC3908CSSS Datasheet HTML 5Page - Texas Instruments ADC3908CSSS Datasheet HTML 6Page - Texas Instruments ADC3908CSSS Datasheet HTML 7Page - Texas Instruments ADC3908CSSS Datasheet HTML 8Page - Texas Instruments ADC3908CSSS Datasheet HTML 9Page - Texas Instruments ADC3908CSSS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 131 page
background image
5.4 Thermal Information (continued)
THERMAL METRIC(1)
ADC39xx
UNIT
RSM (QFN)
32 Pins
RΘJC(bot)
Junction-to-case (bottom) thermal resistance
7.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.5 Electrical Characteristics - Power Consumption
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, AVDD = IOVDD = 1.8 V, FIN = 5MHz, AIN = -1dBFS, Interface = DDR, Internal 1.2
V reference, 5 pF output load, and 50% clock duty cycle, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC3910D025
IAVDD
Analog supply current
FS = 25 MSPS, dual channel
29
31
mA
IIOVDD
Digital supply current
4
9
mA
PDIS
Power dissipation
59
mW
ADC3910S025
IAVDD
Analog supply current
FS = 25 MSPS, single channel
19
22
mA
IIOVDD
Digital supply current
4
8
mA
PDIS
Power dissipation
41
mW
ADC3910D065
IAVDD
Analog supply current
FS = 65 MSPS, dual channel
33
36
mA
IIOVDD
Digital supply current
9
18
mA
PDIS
Power dissipation
76
mW
ADC3910S065
IAVDD
Analog supply current
FS = 65 MSPS, single channel
22
24
mA
IIOVDD
Digital supply current
10
19
mA
PDIS
Power dissipation
58
mW
ADC3910D125
IAVDD
Analog supply current
FS = 125 MSPS, dual channel
39
44
mA
IIOVDD
Digital supply current
15
18.5
mA
PDIS
Power dissipation
97
mW
ADC3910S125
IAVDD
Analog supply current
FS = 125 MSPS, single channel
25
28
mA
IIOVDD
Digital supply current
19
32
mA
PDIS
Power dissipation
80
mW
Power down
PDIS
Power consumption in global power
down mode
4
mW
5.6 Electrical Characteristics - DC Specifications
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, Internal 1.2 V reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY (25 MSPS)
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com