Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 34 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 30Page - Texas Instruments ADC3908CSSS Datasheet HTML 31Page - Texas Instruments ADC3908CSSS Datasheet HTML 32Page - Texas Instruments ADC3908CSSS Datasheet HTML 33Page - Texas Instruments ADC3908CSSS Datasheet HTML 34Page - Texas Instruments ADC3908CSSS Datasheet HTML 35Page - Texas Instruments ADC3908CSSS Datasheet HTML 36Page - Texas Instruments ADC3908CSSS Datasheet HTML 37Page - Texas Instruments ADC3908CSSS Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 131 page
background image
6.3.3 Sampling Clock Input
The ADC3910Dx and ADC3910Sx has a single-ended sampling clock input. To maximize the ADC SNR
performance, the external sampling clock can have low jitter with a high slew rate. The ADC3910Dx and
ADC3910Sx can be AC or DC coupled externally. When AC coupling sampling clock needs to have a resistor
divider such that the center voltage is around 0.9V and when DC coupling the sampling clock, center voltage
needs to be around 0.9V as shown in Figure 6-6.
CLK
CLK
0.9V
0V
1.8V
ADC
ADC
AVDD
GND
Figure 6-6. Sampling clock configuration: AC coupled (left) and DC coupled (right)
6.3.4 Voltage Reference
ADC3910Dx and ADC3910Sx by default is set to internal reference. For highest accuracy and lowest
temperature drift, the ADC3910Dx and ADC3910Sx provides an option to supply a external reference voltage
to the ADC. A 10 µF and a 0.1 µF ceramic bypass capacitor connected between VREF and GND pins, and
placed as close to the pins as possible is recommended when using an external reference. Otherwise, the VREF
pin should be connected to ground when using the internal reference. The internal reference circuitry of the
ADC3910Dx and ADC3910Sx is shown in Figure 6-7.
Note
The voltage reference mode can be selected using SPI write in register in 0x30B.
REF
ADC
INxP
INxM
VCM
REFIO
REFERENCE
1.2 V
Figure 6-7. External 1.2 V reference
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com