Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 60 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 60 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 56Page - Texas Instruments ADC3908CSSS Datasheet HTML 57Page - Texas Instruments ADC3908CSSS Datasheet HTML 58Page - Texas Instruments ADC3908CSSS Datasheet HTML 59Page - Texas Instruments ADC3908CSSS Datasheet HTML 60Page - Texas Instruments ADC3908CSSS Datasheet HTML 61Page - Texas Instruments ADC3908CSSS Datasheet HTML 62Page - Texas Instruments ADC3908CSSS Datasheet HTML 63Page - Texas Instruments ADC3908CSSS Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 131 page
background image
Table 6-24. TEST_PATTERN_CHB_7:0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TEST_PATTERN_CHB__
7:0
R/W
0h
6.6.1.19 TEST_PATTERN_CHB_13:8 Register (Address = 93h) [Reset = 00h]
Return to the Summary Table.
Table 6-25. TEST_PATTERN_CHB_13:8 Register Field Descriptions
Bit
Field
Type
Reset
Description
5:0
TEST_PATTERN_CHB__
13:8
R/W
0h
6.6.1.20 TEST_PATTERN_CHA_7:0 Register (Address = 94h) [Reset = 00h]
Return to the Summary Table.
Table 6-26. TEST_PATTERN_CHA_7:0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
TEST_PATTERN_CHA__
7:0
R/W
0h
6.6.1.21 TEST_PATTERN_CHA_13:8 Register (Address = 95h) [Reset = 00h]
Return to the Summary Table.
Table 6-27. TEST_PATTERN_CHA_13:8 Register Field Descriptions
Bit
Field
Type
Reset
Description
5:0
TEST_PATTERN_CHA__
13:8
R/W
0h
6.6.1.22 GLOBAL_PDN Register (Address = 97h) [Reset = 00h]
Return to the Summary Table.
Table 6-28. GLOBAL_PDN Register Field Descriptions
Bit
Field
Type
Reset
Description
5
PDN
R/W
0h
Global power down via SPI.
0b = Global power down disabled
1b = Global power down enabled.
4:0
RESERVED
R
0h
6.6.1.23 INTERFACE_CFG_1 Register (Address = 98h) [Reset = 00h]
Return to the Summary Table.
Table 6-29. INTERFACE_CFG_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
OENZ_PDN
R/W
0h
Overwrites OENZ control pin as either global or fast power down
0b = OENZ control pin functions as output enable
1b = OENZ control pin functions as power down. Power down
options in register 0x009C determine the power down mode.
6
RESERVED
R
0h
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
60
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com