Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 36 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 32Page - Texas Instruments ADC3908CSSS Datasheet HTML 33Page - Texas Instruments ADC3908CSSS Datasheet HTML 34Page - Texas Instruments ADC3908CSSS Datasheet HTML 35Page - Texas Instruments ADC3908CSSS Datasheet HTML 36Page - Texas Instruments ADC3908CSSS Datasheet HTML 37Page - Texas Instruments ADC3908CSSS Datasheet HTML 38Page - Texas Instruments ADC3908CSSS Datasheet HTML 39Page - Texas Instruments ADC3908CSSS Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 131 page
background image
6.3.6 Digital Features
6.3.6.1 Digital Down Converter
The ADC3910Dx and ADC3910Sx has an optional dual on-chip digital down converters (DDC) that can be
enabled via SPI register (0x0D4). It supports real decimation by 2, 4, 8, and 16. Real decimation operation is
illustrated with an example in Figure 6-9. The output data rate is decimated. A decimation of 8 results in an
output data rate FS,OUT = FS/8 with a Nyquist zone of FS/16.
FS/2
FS/4
FS/8
FS/16
FS/32
Decima on by 2
Decima on by 4
Decima on by 8
Decima on by
16
Input Signal
Figure 6-9. Real decimation illustration, default
6.3.6.1.1 Digital Down Converter Data Select
Each digital comparator has the capability of selecting either channel with or without decimation data via SPI
write (0x200, 0x203).
ADC A
ADC B
N
N
Digital Downconverter
Figure 6-10. Digital down converter data multiplexer
6.3.6.1.2 Decimation Filter
The ADC3910Dx and ADC3910Sx has a stop band rejection of at least 70dB, and a pass-band bandwidth of
approximately 80%. Table 6-2 gives an overview of the pass-band bandwidth of the different decimation settings
with respect to ADC sampling rate FS.
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com