Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 46 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 42Page - Texas Instruments ADC3908CSSS Datasheet HTML 43Page - Texas Instruments ADC3908CSSS Datasheet HTML 44Page - Texas Instruments ADC3908CSSS Datasheet HTML 45Page - Texas Instruments ADC3908CSSS Datasheet HTML 46Page - Texas Instruments ADC3908CSSS Datasheet HTML 47Page - Texas Instruments ADC3908CSSS Datasheet HTML 48Page - Texas Instruments ADC3908CSSS Datasheet HTML 49Page - Texas Instruments ADC3908CSSS Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 131 page
background image
CHA 10-bit data/DDC data
ALERT
CHB 10-bit data/DDC data
STATx DATA
SEL[3:0]
Statistic
Engine
ALERT_CFG
STAT_CFG
Data High CNT
Data Low CNT
Min
Max
Sum Data**2
ALERT_Flag
HIGH_THR [15:0]
LOW_THR [15:0]
SPI
SEN
SCLK
SDIO
SUM Data
Figure 6-29. Statistics Engine Block Diagram
6.3.6.3.1 Statistics Engine Data Select
Each statistics engine has the capability of selecting either channel with or without decimation data via SPI write
(0x201, 0x204).
ADC A
ADC B
N
N
Statistics
Engine A
SPI
Interface
Statistics
Engine B
Channel
Correction
Channel
Correction
Figure 6-30. Statistics engine data multiplexer
6.3.6.3.2 Window Configuration
The window size is configured in STATS_WINDOW_SIZE_CHx (0x1A0-0x1A3) in steps of 256 samples.
Minimum window size is 256 samples up to a maximum of 256 * 216 samples. The device records the
statistics for the current window (N) and up to 3 previous windows (N-1, N-2, N-3). By default the statistics
engine continously collects data when enabled and the ADCs are sampling or the single shot mode enabled in
1SHOT_CHx (0x1A4) to collect data over a single window.
6.3.6.4 Digital Alerts
The digital alert functionality can be used in conjunction with the comparator to monitor input signal conditions
or to detect over-ranging in the ADC or digital blocks. The alert function can be configured in several different
ways via the SPI registers. These registers are enabled with bit masks so the behavior of multiple sources can
be used to trigger the ALERT pin.
Available Alert triggers:
• Greater than, equal to, or less than either comparator's high or low threshold
• All ones or all zeros detected by either comparator
• Statistics engine window complete
• Over-range in the ADC, channel corrections, decimation or output formatter blocks
See register 0x1B4 for full list of available alert triggers.
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com