Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 50 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 50 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 46Page - Texas Instruments ADC3908CSSS Datasheet HTML 47Page - Texas Instruments ADC3908CSSS Datasheet HTML 48Page - Texas Instruments ADC3908CSSS Datasheet HTML 49Page - Texas Instruments ADC3908CSSS Datasheet HTML 50Page - Texas Instruments ADC3908CSSS Datasheet HTML 51Page - Texas Instruments ADC3908CSSS Datasheet HTML 52Page - Texas Instruments ADC3908CSSS Datasheet HTML 53Page - Texas Instruments ADC3908CSSS Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 131 page
background image
6.5 Programming
The device is primarily configured and controlled using the serial programming interface (SPI). After initial power
up, the default operating configuration is shown in Table 6-4.
Table 6-4. Default device configuration after power up
FEATURE
DEFAULT
Signal Input
Differential
Reference
Internal
Channel Corrections
Disabled
Decimation
Disabled
Comparators
Disabled
Statistics Engine
Disabled
Interface
DDR, 10 lanes
Output Format
Two's Complement
6.5.1 Configuration using the SPI interface
The device has a set of internal registers that can be accessed by the serial interface formed by the SEN (serial
interface enable), SCLK (serial interface clock) and SDIO (serial interface data input/output) pins. Serially shifting
bits into the device is enabled when SEN is low. Serial data input are latched at every SCLK rising edge when
SEN is active (low). The serial data are loaded into the register at every 16th SCLK rising edge when SEN is low.
When the word length exceeds a multiple of 16bits, the excess bits are ignored. Data can be loaded in multiples
of 16-bit words within a single active SEN pulse. The interface can function with SCLK frequencies from 20MHz
down to low speeds (of a few hertz) and also with a non-50% SCLK duty cycle.
6.5.1.1 Register Write
The internal registers can be programmed following these steps:
1. Drive the SEN pin low
2. Set the R/W bit to 0.
3. Initiate a serial interface cycle by specifying the address of the register (A[14:0]) whose content is written
4. Write the 8-bit data that are latched in on the SCLK rising edges
Figure 6-33 show the timing requirements for the serial register write operation.
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Register Address <14:0>
Register Data <7:0>
tSCLK
tS,SDIO
tH,SDIO
tH,SEN
A7
A6
A12
A11
A10
A9
A8
A14
A13
SDATA
SCLK
SEN
tS,SEN
0
R/W
Figure 6-33. Serial Register Write Timing Diagram
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
50
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com