Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 68 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 68 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 64Page - Texas Instruments ADC3908CSSS Datasheet HTML 65Page - Texas Instruments ADC3908CSSS Datasheet HTML 66Page - Texas Instruments ADC3908CSSS Datasheet HTML 67Page - Texas Instruments ADC3908CSSS Datasheet HTML 68Page - Texas Instruments ADC3908CSSS Datasheet HTML 69Page - Texas Instruments ADC3908CSSS Datasheet HTML 70Page - Texas Instruments ADC3908CSSS Datasheet HTML 71Page - Texas Instruments ADC3908CSSS Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 131 page
background image
Table 6-46. OUTPUT_BIT_MAPPER_D10_D11 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3:0
OUTPUT_BIT_MAPPER_
D10
R/W
3h
These registers are used to reorder the output data bus. See the
Output Bit Mapper on how to program.
0100b = Lane 0 (LSB)
0101b = Lane 1
0110b = Lane 2
0111b = Lane 3
1000b = Lane 4
1001b = Lane 5
1010b = Lane 6
1011b = Lane 7
1100b = Lane 8
1101b = Lane 9
1110b = Lane 10
1111b = Lane 11 (MSB)
6.6.1.41 ROUND Register (Address = B6h) [Reset = 00h]
Return to the Summary Table.
Table 6-47. ROUND Register Field Descriptions
Bit
Field
Type
Reset
Description
4
ROUND
R/W
0h
The device uses a 16-bit resolution internally which can be useful
for high decimation settings so that the quantization noise doesn't
impact the ADC performance.
0b = Truncate 4 LSBs to reduce resolution from 16 bits to resolution
specified in OUTPUT DATA WIDTH
1b = Round to reduce resolution from 16 bits to resolution specified
in OUTPUT DATA WIDTH
3:0
RESERVED
R
0h
6.6.1.42 COMP_THRESHOLD_HI_CHA_7:0 Register (Address = C8h) [Reset = 00h]
Return to the Summary Table.
Table 6-48. COMP_THRESHOLD_HI_CHA_7:0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
COMP_THRESHOLD_HI_
CHA__7:0
R/W
0h
Comparator high threshold for channel A
6.6.1.43 COMP_THRESHOLD_HI_CHA_11:8 Register (Address = C9h) [Reset = 0h]
Return to the Summary Table.
Table 6-49. COMP_THRESHOLD_HI_CHA_11:8 Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
COMP_THRESHOLD_HI_
CHA__11:8
R/W
0h
Comparator high threshold for channel A
6.6.1.44 COMP_THRESHOLD_HI_CHB_7:0 Register (Address = CAh) [Reset = 00h]
Return to the Summary Table.
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
68
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com