Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 70 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 70 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 66Page - Texas Instruments ADC3908CSSS Datasheet HTML 67Page - Texas Instruments ADC3908CSSS Datasheet HTML 68Page - Texas Instruments ADC3908CSSS Datasheet HTML 69Page - Texas Instruments ADC3908CSSS Datasheet HTML 70Page - Texas Instruments ADC3908CSSS Datasheet HTML 71Page - Texas Instruments ADC3908CSSS Datasheet HTML 72Page - Texas Instruments ADC3908CSSS Datasheet HTML 73Page - Texas Instruments ADC3908CSSS Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 131 page
background image
Table 6-56. COMP_HYSTERESIS_CHA_7:0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
COMP_HYSTERESIS_CH
A__7:0
R/W
0h
Comparator hysteresis for channel A
6.6.1.51 COMP_HYSTERESIS_CHA_11:8 Register (Address = D1h) [Reset = 0h]
Return to the Summary Table.
Table 6-57. COMP_HYSTERESIS_CHA_11:8 Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
COMP_HYSTERESIS_CH
A__11:8
R/W
0h
Comparator hysteresis for channel A
6.6.1.52 COMP_HYSTERISIS_CHB_7:0 Register (Address = D2h) [Reset = 00h]
Return to the Summary Table.
Table 6-58. COMP_HYSTERISIS_CHB_7:0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
COMP_HYSTERISIS_CH
B__7:0
R/W
0h
Comparator hysteresis for channel A
6.6.1.53 COMP_HYSTERISIS_CHB_11:8 Register (Address = D3h) [Reset = 0h]
Return to the Summary Table.
Table 6-59. COMP_HYSTERISIS_CHB_11:8 Register Field Descriptions
Bit
Field
Type
Reset
Description
3:0
COMP_HYSTERISIS_CH
B__11:8
R/W
0h
Comparator hysteresis for channel A
6.6.1.54 COMP_SLEW Register (Address = D3h) [Reset = 00h]
Return to the Summary Table.
Table 6-60. COMP_SLEW Register Field Descriptions
Bit
Field
Type
Reset
Description
5
SLEW_CHB
R/W
0h
Comparison method for channel B
0b = Standard compare (THRESHOLD HI CHB - HYSTERESIS
CHB, THRESHOLD LO CHB + HYSTERESIS CHB)
1b = Slew compare (current sample - previous sample >
THRESHOLD HI CHB, current sample - previous sample <
THRESHOLD LO CHB) HYSTERESIS CHB must be set to 0.
4
SLEW_CHA
R/W
0h
Comparison method for channel A
0b = Standard compare (THRESHOLD HI CHA - HYSTERESIS
CHA, THRESHOLD LO CHA + HYSTERESIS CHA)
1b = Slew compare (current sample - previous sample >
THRESHOLD HI CHA, current sample - previous sample <
THRESHOLD LO CHA) HYSTERESIS CHA must be set to 0.
3:0
RESERVED
R
0h
6.6.1.55 DECIMATION Register (Address = D4h) [Reset = 0h]
Return to the Summary Table.
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
70
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com