Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 45 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 41Page - Texas Instruments ADC3908CSSS Datasheet HTML 42Page - Texas Instruments ADC3908CSSS Datasheet HTML 43Page - Texas Instruments ADC3908CSSS Datasheet HTML 44Page - Texas Instruments ADC3908CSSS Datasheet HTML 45Page - Texas Instruments ADC3908CSSS Datasheet HTML 46Page - Texas Instruments ADC3908CSSS Datasheet HTML 47Page - Texas Instruments ADC3908CSSS Datasheet HTML 48Page - Texas Instruments ADC3908CSSS Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 131 page
background image
High Side Comparator
(Internal Only Signal)
ALERT_HIGH_FLAG
5
7
High Threshold
High Threshold –Hysteresis
1
6
2
4
3
Figure 6-27. Event Monitoring
High Side Comparator
(Internal Only Signal)
EVENT_COUNTER
4
5
7
High Threshold
High Threshold –Hysteresis
3
1
6
2
EVENT_FLAG
3
1
2
WINDOW SIZE IS 10 CLOCK CYCLES
EVENT COUNTER IS SET 5
WINDOW SIZE IS 10 CLOCK CYCLES
EVENT COUNTER IS SET 5
Figure 6-28. Window Monitoring
6.3.6.3 Statistics Engine
The ADC3910Dx and ADC3910Sx has two internal statistic engines that can be enabled via SPI write to register
0x1A4. It collects the following statistics within a window when enabled:
• Count samples above or below high and low thresholds
• Minimum and maximum sample values
• Summation of samples
• Summation of the squares of samples for power measurements
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com