Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 75 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 75 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 71Page - Texas Instruments ADC3908CSSS Datasheet HTML 72Page - Texas Instruments ADC3908CSSS Datasheet HTML 73Page - Texas Instruments ADC3908CSSS Datasheet HTML 74Page - Texas Instruments ADC3908CSSS Datasheet HTML 75Page - Texas Instruments ADC3908CSSS Datasheet HTML 76Page - Texas Instruments ADC3908CSSS Datasheet HTML 77Page - Texas Instruments ADC3908CSSS Datasheet HTML 78Page - Texas Instruments ADC3908CSSS Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 131 page
background image
6.6.1.74 CLK_TIM_ADJ_CHA Register (Address = 304h) [Reset = 00h]
Return to the Summary Table.
Table 6-80. CLK_TIM_ADJ_CHA Register Field Descriptions
Bit
Field
Type
Reset
Description
7:1
CLK_TIM_ADJ_CHA
R/W
0h
ADC channel A sampling edge adjustment. Used in interleaved
mode to reduce interleaving spur. Min. step size is 1 ps and
adjustment range is 15 ps.
0
RESERVED
R
0h
6.6.1.75 CLK_TIM_ADJ_CHB Register (Address = 305h) [Reset = 00h]
Return to the Summary Table.
Table 6-81. CLK_TIM_ADJ_CHB Register Field Descriptions
Bit
Field
Type
Reset
Description
7
DCLK_OUT
R/W
0h
DCLK output disable
0b = DCLK output enabled
1b = DCLK output disabled
6:0
CLK_TIM_ADJ_CHB
R/W
0h
ADC channel B sampling edge adjustment. Used in interleaved
mode to reduce interleaving spur. Min. step size is 1 ps and
adjustment range is 15 ps.
6.6.1.76 DCLK_DLL_PD Register (Address = 306h) [Reset = 0h]
Return to the Summary Table.
Table 6-82. DCLK_DLL_PD Register Field Descriptions
Bit
Field
Type
Reset
Description
0
DCLKDLL_PD
R/W
0h
DCLK DLL power down and bypass. Useful in SDR interface mode
and reduces current by 1 mA.
0b = DCLK DLL enabled
1b = DCLK DLL power down and bypassed
6.6.1.77 DIG_INPUT_CFG Register (Address = 307h) [Reset = 00h]
Return to the Summary Table.
Table 6-83. DIG_INPUT_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
4
DCLKZ_OUT
R/W
0h
DCLKZ output disable
0b = DCLKZ output enabled
1b = DCLKZ output disabled
3
DIG_INPUT
R/W
0h
Disables data inputs to digital block.
0b = Data inputs enabled to digital blocks
1b = Data input disabled to digital blocks
2:0
RESERVED
R
0h
6.6.1.78 BUF_VCM_CURR Register (Address = 309h) [Reset = 00h]
Return to the Summary Table.
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com