Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 1 Page - Texas Instruments

  ADC3908CSSS Datasheet HTML 1Page - Texas Instruments ADC3908CSSS Datasheet HTML 2Page - Texas Instruments ADC3908CSSS Datasheet HTML 3Page - Texas Instruments ADC3908CSSS Datasheet HTML 4Page - Texas Instruments ADC3908CSSS Datasheet HTML 5Page - Texas Instruments ADC3908CSSS Datasheet HTML 6Page - Texas Instruments ADC3908CSSS Datasheet HTML 7Page - Texas Instruments ADC3908CSSS Datasheet HTML 8Page - Texas Instruments ADC3908CSSS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small,
Single and Dual Channel ADC with Integrated Input Buffers
1 Features
• Sampling rate up to 125MSPS
• Latency: 1 clock cycle
• Low power (2 channel):
– 92mW at 125MSPS
– 59mW at 25MSPS
– 4mW in PD mode
• Small footprint: 32-VQFN (4mm x 4mm)
• Single or dual channel ADC
• Dual digital comparators
• Reference: internal or external
• No missing codes, ±1 LSB INL
• Buffered, differential or single ended inputs
• Input bandwidth: 150MHz (3-dB)
• Single 1.8V supply
– Optional 3.3VIO capability
• Industrial temperature range: -40 to 105°C
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16
• Parallel (SDR, DDR) and serial CMOS interface
• Spectral performance (fIN = 5MHz):
– SNR: 61dBFS
– SFDR: 65dBc
2 Applications
• Radio receiver
• LiDAR
• Low latency control loops
• Laser scanners
• Global positioning systems
• Source measure unit
• Detection equipment
3 Description
The ADC3910Dx and ADC3910Sx are a family ultra-
low power 10-bit 125MSPS high-speed single and
dual channel analog-to-digital converters. High-speed
control loops benefit from the short latency of only
1 clock cycle. The ADC consumes only 92mW at
125Msps with a power consumption that scales with
lower sampling rates.
The device uses DDR, HDDR, SDR or serial CMOS
interface to output the data from +1.8V to +3.3V
to accommodate various receiver requirements. The
device implements analog monitoring function by
event triggered interrupts per channel using a
digital comparator with programmable high and low
thresholds, hysteresis, and event counter. The device
is a pin-to-pin compatible family of ADCs with 8
and 10-bit resolution and different speed grades. The
device is available in a 32-pin VQFN package, and
supports industrial temperature range from -40 to
+105°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
ADC3910D025, 'D065,
'D125
ADC3910S025,'S065,
'S125
VQFN (32)
4mm × 4mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Device Information
PART NUMBER
(c= #CH; sss= MSPS)
RESOLUTION
SAMPLING RATE
MSPS
ADC3910csss
10-Bit
25, 65, 125
ADC3908csss
08-Bit
25, 65, 125
REF
ADC
ADC
Digital Comparator
RESET
AVDD
ALERT/GPO
IOVDD
CLK
GND
INAP
INAM
INBP
INBM
VCM
VREF
High/Low Threshold
± Hysteresis
Flexible
Data
Interface
Control
Interface
DDC
OE
DCLKIN
DCLK
DCLK/FCLK
D11-D0
SEN
SCLK
SDIO
N
Statistics
Engine
N
Block Diagram
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC3908CSSS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3908CSSS TI1-ADC3908CSSS Datasheet
3Mb / 131P
ADC3910Dx and ADC3910Sx 10-bit, 25 to 125-MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
DECEMBER 2023
ADC3908CSSS TI-ADC3908CSSS Datasheet
2Mb / 47P
ADC3908Dx and ADC3908Sx 8-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
OCTOBER 2024
More results

Similar Description - ADC3908CSSS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2281 LINER-LTC2281 Datasheet
491Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283 Datasheet
578Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5510P INTERSIL-KAD5510P_11 Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
January 3, 2011
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Linear Technology
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Intersil Corporation
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
Low Power 10-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com