Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 16Page - Texas Instruments ADC3908CSSS Datasheet HTML 17Page - Texas Instruments ADC3908CSSS Datasheet HTML 18Page - Texas Instruments ADC3908CSSS Datasheet HTML 19Page - Texas Instruments ADC3908CSSS Datasheet HTML 20Page - Texas Instruments ADC3908CSSS Datasheet HTML 21Page - Texas Instruments ADC3908CSSS Datasheet HTML 22Page - Texas Instruments ADC3908CSSS Datasheet HTML 23Page - Texas Instruments ADC3908CSSS Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 131 page
background image
5.12 Typical Characteristics - 25MSPS (continued)
Typical values at TA = 25°C, ADC sampling rate = 25MSPS, AIN = –1dBFS, differential input, AVDD = IOVDD = 1.8V, internal
1.2V voltage reference, unless otherwise noted.
Code
0
128
256
384
512
640
768
896
1024
-0.4
-0.2
0
0.2
0.4
Ext REF
Int REF
FIN = 5MHz
Figure 5-17. DNL vs ADC Code
Output Code
0
20%
40%
60%
80%
100%
508
509
510
511
512
513
514
515
516
517
Figure 5-18. DC Offset Histogram
Output Code
0
4096
8192
12288
16384
20480
24576
28672
32768
0
128
256
384
512
640
768
896
1024
Pulse Input = 1MHz
Figure 5-19. Pulse Response
Sample Rate (MSPS)
5
10
15
20
25
0
5
10
15
20
25
30
35
40
IAVDD, 2-ch.
IAVDD, 1-ch.
IOVDD, 2-ch., DDR
IOVDD, 1-ch., DDR
IOVDD, 1-ch., SDR
FIN = 5MHz, DDC Bypass
Figure 5-20. Current vs Sampling Rate
Decimation
0
4
8
12
16
0
5
10
15
20
25
30
35
40
45
50
AVDD 25MSPS
IOVDD 25MSPS
AVDD 65MSPS
IOVDD 65MSPS
AVDD 125MSPS
IOVDD 125MSPS
FIN = 1MHz, 16 bit resolution, DDR, 8 Output Lanes
Figure 5-21. Current vs Decimation
Temp (°C)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
100
0
0
5
10
10
20
15
30
20
40
25
50
30
60
35
70
40
80
AVDD, 2-ch.
AVDD, 1-ch.
IOVDD, 2-ch.
IOVDD, 1-ch.
Total Power, 2-ch.
Total Power, 1-ch.
FIN = 5MHz, DDR Interface Mode
Figure 5-22. Current vs Temperature
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com