Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML002 Datasheet (PDF) - Tyco Electronics

MASWML002 Datasheet PDF - Tyco Electronics
Part # MASWML002
Download  MASWML002 Download
File Size   69.91 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPST MMIC Switch with Driver 0.01 to 10.0 GHz

MASWML002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWML002 Datasheet PDF - Tyco Electronics

Part # MASWML002
Download  MASWML002 Click to download

File Size   69.91 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPST MMIC Switch with Driver 0.01 to 10.0 GHz

MASWML002 Datasheet (HTML) - Tyco Electronics


MASWML002 Product details

Description
This drop in SPST module offers High Isolation, Low Insertion loss in a miniature strip line compatible package. This device is supplied with complete internal driver circuit and DC blocks. Production screening is available to MIL-STD 833D. Stabilasation bake, Temperature cycling, Constant Acceleration, Burn-in, Fine Leak, Gross Leak can be performed on request. It is a proven design for harsh environments and is suitable for Airborne, Naval & Ground base applications.

Features
■ Fast Switching
■ Compact Outline
■ Low Current
■ Hermatic Package
■ Strip Line Compatible




Similar Part No. - MASWML002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML0024 MACOM-MASWML0024 Datasheet
151Kb / 1P
SP4T Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
More results


Similar Description - MASWML002

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SSW-524 STANFORD-SSW-524 Datasheet
198Kb / 3P
DC - 8 GHZ GAAS MMIC SPST SWITCH
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029 Datasheet
136Kb / 4P
DC-20 GHZ MMIC SPST NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Stanford Microdevices
SSW-508 STANFORD-SSW-508 Datasheet
83Kb / 2P
DC-4 GHz GaAs MMIC SPST Switch
logo
Tyco Electronics
MASWML004 MACOM-MASWML004 Datasheet
75Kb / 1P
SPST Miniature Switch with TTL Compatible Driver, 8.0 to 10.0 GHz
MASWML005 MACOM-MASWML005 Datasheet
72Kb / 1P
SPST Switch with TTL Compatible Driver, 6.0 to 18.0 GHz
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029_1 Datasheet
182Kb / 5P
DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com