Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML005 Datasheet (PDF) - Tyco Electronics

MASWML005 Datasheet PDF - Tyco Electronics
Part # MASWML005
Download  MASWML005 Download
File Size   72.08 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPST Switch with TTL Compatible Driver, 6.0 to 18.0 GHz

MASWML005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWML005 Datasheet PDF - Tyco Electronics

Part # MASWML005
Download  MASWML005 Click to download

File Size   72.08 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPST Switch with TTL Compatible Driver, 6.0 to 18.0 GHz

MASWML005 Datasheet (HTML) - Tyco Electronics


MASWML005 Product details

Description
This switch offers fast Switching, high Isolation and Low Insertion Loss in a connetrised package. This device is supplied with SMA Female connectors for RF input/output and solder pins for earth and DC connections. It is a proven design for harsh environments and is suitable for Airborne, Naval & Ground base applications.

Features
■ Broad Band Frequency Range
■ High Isolation
■ Fast Switching
■ Hermetically Sealed Housing
■ TTL Compatible




Similar Part No. - MASWML005

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MASWML0010 APITECH-MASWML0010 Datasheet
162Kb / 2P
SPDT Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
Tyco Electronics
MASWML0011 MACOM-MASWML0011 Datasheet
91Kb / 1P
SPDT MMIC Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
logo
API Technologies Corp
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
Tyco Electronics
MASWML002 MACOM-MASWML002 Datasheet
69Kb / 1P
SPST MMIC Switch with Driver 0.01 to 10.0 GHz
MASWML0024 MACOM-MASWML0024 Datasheet
151Kb / 1P
SP4T Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
More results


Similar Description - MASWML005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML004 MACOM-MASWML004 Datasheet
75Kb / 1P
SPST Miniature Switch with TTL Compatible Driver, 8.0 to 10.0 GHz
MASWML010 MACOM-MASWML010 Datasheet
74Kb / 1P
SPDT Non Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML012 MACOM-MASWML012 Datasheet
71Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML013 MACOM-MASWML013 Datasheet
73Kb / 1P
SPDT Reflective Switch with TTL Compatible Driver, 6.4 to 18.0 GHz
MASWML014 MACOM-MASWML014 Datasheet
72Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 6.0 to 12.0 GHz
MASWML023 MACOM-MASWML023 Datasheet
75Kb / 1P
SP3T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML025 MACOM-MASWML025 Datasheet
79Kb / 1P
SP4T Reflective Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML028 MACOM-MASWML028 Datasheet
77Kb / 1P
SP6T Reflective Switch with TTL Compatible Driver, 0.85 to 18.0 GHz
logo
API Technologies Corp
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com