Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML005 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWML005
Description  SPST Switch with TTL Compatible Driver, 6.0 to 18.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWML005 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWML005 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Performance
(Applies over the frequency range @ +25 °C, output load impedance of 50 ohms. Unless otherwise stated limits & conditions
are indicated values.)
SPST Switch with TTL
Compatible Driver, 6.0 to 18.0 GHz
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Type
Frequency
(GHz)
I/Loss
max
(dB)
Isolation
min
(dB)
R/Loss
min
(dB)
S.
Speed
max
(ns)
I/P
Power
max
(mw)
SPST
6.0 - 18.0
2.3
60
10
15
500
Logic
Power
Supply
V & mA
Dimensions
(Ex-Con)
mm
Oper-
ating
Temp
°C
Storage
Temp
°C
‘0’ = Insertion Loss
TTL
‘1’ = Isolation
+5
-15
50
10
38.1x33.6x10.3
-55 to
+85
-55 to
+125
Features
n
Broad Band Frequency Range
n
High Isolation
n
Fast Switching
n
Hermetically Sealed Housing
n
TTL Compatible
Other Mechanical
SMA Female connectors for RF ports and Solder pins for
TTL & DC connections. This device is supplied with a finish
of black paint epoxy.
Description
This switch offers fast Switching, high Isolation and Low
Insertion Loss in a connetrised package. This device is
supplied with SMA Female connectors for RF input/output
and solder pins for earth and DC connections. It is a proven
design for harsh environments and is suitable for Airborne,
Naval & Ground base applications.


Similar Part No. - MASWML005

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MASWML0010 APITECH-MASWML0010 Datasheet
162Kb / 2P
SPDT Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
Tyco Electronics
MASWML0011 MACOM-MASWML0011 Datasheet
91Kb / 1P
SPDT MMIC Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
logo
API Technologies Corp
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
Tyco Electronics
MASWML002 MACOM-MASWML002 Datasheet
69Kb / 1P
SPST MMIC Switch with Driver 0.01 to 10.0 GHz
MASWML0024 MACOM-MASWML0024 Datasheet
151Kb / 1P
SP4T Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
More results

Similar Description - MASWML005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML004 MACOM-MASWML004 Datasheet
75Kb / 1P
SPST Miniature Switch with TTL Compatible Driver, 8.0 to 10.0 GHz
MASWML010 MACOM-MASWML010 Datasheet
74Kb / 1P
SPDT Non Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML012 MACOM-MASWML012 Datasheet
71Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML013 MACOM-MASWML013 Datasheet
73Kb / 1P
SPDT Reflective Switch with TTL Compatible Driver, 6.4 to 18.0 GHz
MASWML014 MACOM-MASWML014 Datasheet
72Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 6.0 to 12.0 GHz
MASWML023 MACOM-MASWML023 Datasheet
75Kb / 1P
SP3T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML025 MACOM-MASWML025 Datasheet
79Kb / 1P
SP4T Reflective Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML028 MACOM-MASWML028 Datasheet
77Kb / 1P
SP6T Reflective Switch with TTL Compatible Driver, 0.85 to 18.0 GHz
logo
API Technologies Corp
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com