Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML002 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWML002
Description  SPST MMIC Switch with Driver 0.01 to 10.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWML002 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWML002 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPST MMIC Switch with Driver
0.01 to 10.0 GHz
Features
n
Fast Switching
n
Compact Outline
n
Low Current
n
Hermatic Package
n
Strip Line Compatible
Other Mechanical
Package is Gold plated. Strip line drop in pins are supplied for
RF and DC connections. This device is supplied with Gold
plated finish.
V 1.00
Electrical Performance
(Applies over the frequency range @ +25 °C, output load impedance of 50 ohms. Unless otherwise stated limits & conditions
are indicated values.)
Type
Frequency
(GHz)
I/Loss
max
(dB)
Isolation
min
(dB)
R/Loss
min
(dB)
S.
Speed
max
(ns)
I/P
Power
max
(mw)
SPST
0.01 - 6.0
6.0 - 9.0
9.0 - 10.0
2.7
4.0
4.0
50
50
45
12
9.5
9.5
50
100
Logic
Power
Supply
V & mA
Dimensions
(Ex-Con)
mm
Operat-
ing
Temp
°C
Storage
Temp
°C
‘0’ = Insertion Loss
TTL
‘1’ = Isolation
+5
-5
50
50
13.5 x6.2x3.3
-40 to
+85
-55 to
+125
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Description
This drop in SPST module offers High Isolation, Low
Insertion loss in a miniature strip line compatible package.
This device is supplied with complete internal driver circuit
and DC blocks. Production screening is available to
MIL-STD 833D. Stabilasation bake, Temperature cycling,
Constant Acceleration, Burn-in, Fine Leak, Gross Leak can be
performed on request. It is a proven design for harsh
environments and is suitable for Airborne, Naval & Ground
base applications.


Similar Part No. - MASWML002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML0024 MACOM-MASWML0024 Datasheet
151Kb / 1P
SP4T Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
More results

Similar Description - MASWML002

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SSW-524 STANFORD-SSW-524 Datasheet
198Kb / 3P
DC - 8 GHZ GAAS MMIC SPST SWITCH
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029 Datasheet
136Kb / 4P
DC-20 GHZ MMIC SPST NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Stanford Microdevices
SSW-508 STANFORD-SSW-508 Datasheet
83Kb / 2P
DC-4 GHz GaAs MMIC SPST Switch
logo
Tyco Electronics
MASWML004 MACOM-MASWML004 Datasheet
75Kb / 1P
SPST Miniature Switch with TTL Compatible Driver, 8.0 to 10.0 GHz
MASWML005 MACOM-MASWML005 Datasheet
72Kb / 1P
SPST Switch with TTL Compatible Driver, 6.0 to 18.0 GHz
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029_1 Datasheet
182Kb / 5P
DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com