Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S10 Datasheet (PDF) - Tyco Electronics

S10 Datasheet PDF - Tyco Electronics
Part # S10
Download  S10 Download
File Size   218.15 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 to 500 MHz THIN FILM SPST SWITCH

S10 Datasheet (PDF)

Go To PDF Page Download Datasheet
S10 Datasheet PDF - Tyco Electronics

Part # S10
Download  S10 Click to download

File Size   218.15 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 to 500 MHz THIN FILM SPST SWITCH

S10 Datasheet (HTML) - Tyco Electronics


S10 Product details

10 to 500 MHz THIN FILM SPST SWITCH

• LOW INSERTION LOSS: < 2.5 dB (TYP.)
• HIGH ON/OFF RATIO: 60 dB (TYP.)
• LOW VSWR: 1.6:1 (TYP.)
• TTL COMPATABLE




Similar Part No. - S10

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
S10 MA-COM-S10 Datasheet
150Kb / 2P
10 to 500 MHz Thin Film SPST Switch
logo
AG Electronica
S10 AGELECTRONICA-S10 Datasheet
132Kb / 4P
LÁMPARA ESTERILIZADORA PARA INTERIORES 2.5W
Version 1.0
logo
Ashcroft, Inc.
S10 ASHCROFT-S10 Datasheet
1Mb / 7P
S10 RTDs & Thermocouples, Metric Connections
RevB_04-05-22
logo
HellermannTyton.
S10 HELLERMANNTYTON-S10 Datasheet
178Kb / 1P
Terminals
logo
Intronics Power, Inc.
S10-12S5 INTRONICS-S10-12S5 Datasheet
236Kb / 1P
DC/DC MODULES
More results


Similar Description - S10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S11 MACOM-S11 Datasheet
75Kb / 2P
10 to 500 MHz THIN FILM SPST SWITCH
logo
M/A-COM Technology Solu...
S10 MA-COM-S10 Datasheet
150Kb / 2P
10 to 500 MHz Thin Film SPST Switch
S11 MA-COM-S11 Datasheet
79Kb / 2P
10 to 500 MHz Thin Film SPST Switch
logo
Teledyne Technologies I...
UTOUTC0543 TELEDYNE-UTOUTC0543 Datasheet
169Kb / 5P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0544 TELEDYNE-UTOUTC0544 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0545 TELEDYNE-UTOUTC0545 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0547 TELEDYNE-UTOUTC0547 Datasheet
197Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0561 TELEDYNE-UTOUTC0561 Datasheet
194Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0573 TELEDYNE-UTOUTC0573 Datasheet
171Kb / 4P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0505 TELEDYNE-UTOUTC0505 Datasheet
165Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com