Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

S11 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # S11
Download  S11 Download
File Size   79.91 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 10 to 500 MHz Thin Film SPST Switch

S11 Datasheet (PDF)

Go To PDF Page Download Datasheet
S11 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # S11
Download  S11 Click to download

File Size   79.91 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 10 to 500 MHz Thin Film SPST Switch

S11 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


S11 Product details

10 to 500 MHz Thin Film SPST Switch

• LOW INSERTION LOSS: < 2.5 dB (TYP.)
• HIGH ON/OFF RATION: 60 dB (TYP.)
• LOW VSWR: 1.6:1 (TYP.)
• TTL COMPATABLE




Similar Part No. - S11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S11 MACOM-S11 Datasheet
75Kb / 2P
10 to 500 MHz THIN FILM SPST SWITCH
logo
Altech corporation
S11 ALTECH-S11 Datasheet
228Kb / 1P
30 mm Contact Element S11
logo
Switchcraft, Inc.
S11 SWITCH-S11 Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
SHENZHEN YONGERJIA INDU...
S11 WINNERJOIN-S11 Datasheet
113Kb / 2P
SMA
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
Plastic package has Underwriters Laboratory
More results


Similar Description - S11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S10 MACOM-S10 Datasheet
218Kb / 2P
10 to 500 MHz THIN FILM SPST SWITCH
S11 MACOM-S11 Datasheet
75Kb / 2P
10 to 500 MHz THIN FILM SPST SWITCH
logo
M/A-COM Technology Solu...
S10 MA-COM-S10 Datasheet
150Kb / 2P
10 to 500 MHz Thin Film SPST Switch
logo
Teledyne Technologies I...
UTOUTC0543 TELEDYNE-UTOUTC0543 Datasheet
169Kb / 5P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0544 TELEDYNE-UTOUTC0544 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0545 TELEDYNE-UTOUTC0545 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0547 TELEDYNE-UTOUTC0547 Datasheet
197Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0561 TELEDYNE-UTOUTC0561 Datasheet
194Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0573 TELEDYNE-UTOUTC0573 Datasheet
171Kb / 4P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0505 TELEDYNE-UTOUTC0505 Datasheet
165Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com