Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11 Datasheet (PDF) - Altech corporation

S11 Datasheet PDF - Altech corporation
Part # S11
Download  S11 Download
File Size   228.7 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description 30 mm Contact Element S11

S11 Datasheet (PDF)

Go To PDF Page Download Datasheet
S11 Datasheet PDF - Altech corporation

Part # S11
Download  S11 Click to download

File Size   228.7 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description 30 mm Contact Element S11

S11 Datasheet (HTML) - Altech corporation


S11 Product details

30 mm Contact Element S11




Similar Part No. - S11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S11 MACOM-S11 Datasheet
75Kb / 2P
10 to 500 MHz THIN FILM SPST SWITCH
logo
M/A-COM Technology Solu...
S11 MA-COM-S11 Datasheet
79Kb / 2P
10 to 500 MHz Thin Film SPST Switch
logo
Switchcraft, Inc.
S11 SWITCH-S11 Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
SHENZHEN YONGERJIA INDU...
S11 WINNERJOIN-S11 Datasheet
113Kb / 2P
SMA
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
Plastic package has Underwriters Laboratory
More results


Similar Description - S11

ManufacturerPart #DatasheetDescription
logo
Altech corporation
S12 ALTECH-S12 Datasheet
232Kb / 1P
30 mm Contact Element S12
logo
Bedford Opto Technology...
BG1000 BOT-BG1000 Datasheet
80Kb / 2P
BARGRAPH 10 ELEMENT 5x2 mm
logo
Tyco Electronics
205089-1 MACOM-205089-1 Datasheet
123Kb / 1P
PIN SIZE 30 CONTACT, AMPLIMITE
logo
Siemens Semiconductor G...
3SB3400-0B SIEMENS-3SB3400-0B Datasheet
115Kb / 4P
ACTUATOR-/INDICATOR COMPONENT CONTACT BLOCK WITH 1 CONTACT ELEMENT SCREW TERMINAL, 1NO
logo
Amphenol Corporation
P-UE27-AEX4-XOX AMPHENOL-P-UE27-AEX4-XOX Datasheet
85Kb / 1P
contact resistance-30 milliohms max
logo
PHOENIX CONTACT
2970442 PHOENIX-2970442 Datasheet
80Kb / 3P
Side element, 11.25 mm wide, without marker groove
logo
Schneider Electric
XACS414 SCHNEIDER-XACS414 Datasheet
215Kb / 6P
spring return contact block - 2 NC - front mounting, 30 or 40 mm centres
Mar 21, 2022
XEND1611 SCHNEIDER-XEND1611 Datasheet
170Kb / 4P
spring return contact block - 2 NO - front mounting, 30 mm centres
Mar 21, 2022
logo
Siemens Semiconductor G...
3SU1400-1AA10-1HA0 SIEMENS-3SU1400-1AA10-1HA0 Datasheet
140Kb / 4P
Contact module with 1 contact element, 1 NC, Contact for installation monitoring, screw terminal, for front plate mounting
12/12/2022
logo
FIBOX Enclosing innovat...
5070728 FIBOX-5070728 Datasheet
46Kb / 1P
Spacer 30 mm
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com