Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11 Datasheet (PDF) - Tyco Electronics

S11 Datasheet PDF - Tyco Electronics
Part # S11
Download  S11 Download
File Size   75.44 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 to 500 MHz THIN FILM SPST SWITCH

S11 Datasheet (PDF)

Go To PDF Page Download Datasheet
S11 Datasheet PDF - Tyco Electronics

Part # S11
Download  S11 Click to download

File Size   75.44 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 to 500 MHz THIN FILM SPST SWITCH

S11 Datasheet (HTML) - Tyco Electronics


S11 Product details

10 to 500 MHz THIN FILM SPST SWITCH

• LOW INSERTION LOSS: < 2.5 dB (TYP.)
• HIGH ON/OFF RATIO: 60 dB (TYP.)
• LOW VSWR: 1.6:1 (TYP.)
• TTL COMPATABLE




Similar Part No. - S11

ManufacturerPart #DatasheetDescription
logo
Altech corporation
S11 ALTECH-S11 Datasheet
228Kb / 1P
30 mm Contact Element S11
logo
M/A-COM Technology Solu...
S11 MA-COM-S11 Datasheet
79Kb / 2P
10 to 500 MHz Thin Film SPST Switch
logo
Switchcraft, Inc.
S11 SWITCH-S11 Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
SHENZHEN YONGERJIA INDU...
S11 WINNERJOIN-S11 Datasheet
113Kb / 2P
SMA
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
Plastic package has Underwriters Laboratory
More results


Similar Description - S11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
S10 MACOM-S10 Datasheet
218Kb / 2P
10 to 500 MHz THIN FILM SPST SWITCH
logo
M/A-COM Technology Solu...
S10 MA-COM-S10 Datasheet
150Kb / 2P
10 to 500 MHz Thin Film SPST Switch
S11 MA-COM-S11 Datasheet
79Kb / 2P
10 to 500 MHz Thin Film SPST Switch
logo
Teledyne Technologies I...
UTOUTC0543 TELEDYNE-UTOUTC0543 Datasheet
169Kb / 5P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0544 TELEDYNE-UTOUTC0544 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0545 TELEDYNE-UTOUTC0545 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0547 TELEDYNE-UTOUTC0547 Datasheet
197Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0561 TELEDYNE-UTOUTC0561 Datasheet
194Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0573 TELEDYNE-UTOUTC0573 Datasheet
171Kb / 4P
Thin-Film Cascadable Amplifier 10 to 500 MHz
UTOUTC0505 TELEDYNE-UTOUTC0505 Datasheet
165Kb / 6P
Thin-Film Cascadable Amplifier 10 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com