Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-137-PIN Datasheet (PDF) - Tyco Electronics

SW-137-PIN Datasheet PDF - Tyco Electronics
Part # SW-137-PIN
Download  SW-137-PIN Download
File Size   123.06 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz

SW-137-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-137-PIN Datasheet PDF - Tyco Electronics

Part # SW-137-PIN
Download  SW-137-PIN Click to download

File Size   123.06 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz

SW-137-PIN Datasheet (HTML) - Tyco Electronics


SW-137-PIN Product details

Description
M/A-COM’s SW-137 is a GaAs MMIC SPDT reflective switch with an integral Silicon ASIC driver. This device is in a 14-lead DIP package. These switches offer high intercept points over a wide bandwidth of operation, while maintaining low DC power dissipation. These switches exhibit excellent performance and repeatability from 0.01 to 3.0 GHz. The SW-137 is ideally suited for RF/IF communications applications. Contact the factory for environmental screening.

Features
• Isolation: 48 dB Typical at 1 GHz
• High Intercept Point Over Wide Bandwidth
• Trise, Tfall: 5 nS Typical
• DIP Package
• Integral TTL Driver (CMOS Compatible)
• 50 Ohm Nominal Impedance




Similar Part No. - SW-137-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
More results


Similar Description - SW-137-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-137 MACOM-SW-137 Datasheet
76Kb / 2P
GaAs SPDT Reflective Switch 0.01 - 3 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
NEC
UPG2406TK NEC-UPG2406TK Datasheet
123Kb / 13P
0.01 to 3.0 GHz SPDT SWITCH
UPG2406TB NEC-UPG2406TB Datasheet
123Kb / 13P
0.01 to 3.0 GHz SPDT SWITCH
UPG2406T6R NEC-UPG2406T6R Datasheet
128Kb / 13P
0.01 to 3.0 GHz SPDT SWITCH
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
California Eastern Labs
UPG2406TK CEL-UPG2406TK Datasheet
554Kb / 12P
0.01 to 3.0 GHz SPDT SWITCH
UPG2406TK CEL-UPG2406TK_09 Datasheet
554Kb / 12P
0.01 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
0.01 to 3.0 GHz SPDT SWITCH
PG2406TK RENESAS-PG2406TK_15 Datasheet
246Kb / 15P
0.01 to 3.0 GHz SPDT SWITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com