Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-137 Datasheet (PDF) - Tyco Electronics

SW-137 Datasheet PDF - Tyco Electronics
Part # SW-137
Download  SW-137 Download
File Size   76.15 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Reflective Switch 0.01 - 3 GHz

SW-137 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-137 Datasheet PDF - Tyco Electronics

Part # SW-137
Download  SW-137 Click to download

File Size   76.15 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description GaAs SPDT Reflective Switch 0.01 - 3 GHz

SW-137 Datasheet (HTML) - Tyco Electronics


SW-137 Product details

Description
M/A-COMs SW-137 is a GaAs MMIC SPDT reflective switch with an integral Silicon ASIC driver. This device is in a 14-lead DIP package. These switches offer high intercept points over a wide bandwidth of operation, while maintaining low DC power dissipation. These switches exhibit excellent performance and repeatability from 0.01 to 3.0 GHz. The SW-137 is ideally suited for RF/IF communications applications. Contact the factory for environmental screening.

Features
● Isolation: 48dB Typ. at 1 GHz
● High Intercept Point Over Wide Bandwidth
● Trise, Tfall: 5 nS Typ.
● DIP Package
● Integral TTL Driver (CMOS Compatible)
● 50Ω Nominal Impedance




Similar Part No. - SW-137

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
More results


Similar Description - SW-137

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
Reflective SPDT GaAs MMIC Switch
logo
ANADIGICS, Inc
AWS5516 ANADIGICS-AWS5516 Datasheet
60Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.2
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
HWS507_V3 HW-HWS507_V3 Datasheet
113Kb / 3P
GaAs 0.5 -3 GHz SPDT Switch
logo
Analog Devices
HMC986A AD-HMC986A Datasheet
324Kb / 11P
0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch
7/2019-Rev. A to Rev. B
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com