Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-137 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-137
Description  GaAs SPDT Reflective Switch 0.01 - 3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-137 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-137 Datasheet HTML 1Page - Tyco Electronics SW-137 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs SPDT Reflective Switch
0.01 - 3 GHz
SW-137
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Features
Isolation: 48dB Typ. at 1 GHz
High Intercept Point Over Wide Bandwidth
Trise, Tfall: 5 nS Typ.
DIP Package
Integral TTL Driver (CMOS Compatible)
50
Ω Nominal Impedance
Description
M/A-COM's SW-137 is a GaAs MMIC SPDT reflective switch
with an integral Silicon ASIC driver. This device is in a 14-lead
DIP package. These switches offer high intercept points
over a wide bandwidth of operation, while maintaining low
DC power dissipation. These switches exhibit excellent per-
formance and repeatability from 0.01 to 3.0 GHz. The SW-137
is ideally suited for RF/IF communications applications.
Contact the factory for environmental screening.
Parameter
Test Conditions
Units
Minimum
Typical
Maximum
Reference Insertion Loss
.01 - 0.5 GHz
dB
0.9
.01 - 1.0 GHz
dB
1.0
.01 - 2.0 GHz
dB
1.4
.01 - 3.0 GHz
dB
1.6
Isolation
.01 - 0.5 GHz
dB
48
.01 - 1.0 GHz
dB
43
.01 - 2.0 GHz
dB
37
.01 - 3.0 GHz
dB
32
VSWR
.01 - 0.5 GHz
1.25:1
.01 - 1.0 GHz
1.4:1
.01 - 2.0 GHz
1.7:1
.01 - 3.0 GHz
2.0:1
Trise, Tfall
10% to 90%
nS
5
Ton, Toff
50% Control to 90%/10% RF
nS
22
Transients
In-band (peak-peak)
mV
45
1 dB Compression
0.01 - 3.0 GHz
dBm
+25
Input IP3
For two-tone input power
.01 - 3.0 GHz
dBm
+46
up to +5 dBm
Input IP2
For two-tone input power
.01 - 3.0 GHz
dBm
+76
up to +5 dBm
V
CC
V
+9
+12
+15
V
EE
V
-15
-12
-9
I
CC
V
CC = +9 to +15 V
mA
20.0
I
EE
V
EE = -9 to -15 V
mA
15.0
Vctl
Low
V
0.0
0.8
Vctl
High
V
2.0
5.0
Input Leakage Current (Low)
0 to 0.8 V
µA
1.0
Input Leakage Current (High)
2.0 to 5.0 V
µA
1.0
1. All specifications apply when operated with bias voltages of
9 to
15V for V
CC and -9 to -15V for VEE and 50Ω impedance at all RF ports unless otherwise specified.
Electrical Specifications
1, T
A = -55°C to +85°C
0.300
(7.6)
0.50
(12.7
0.5)
0.13
(3.3 0.5)
0.10
(2.5
0.5)
0.200
(5.1) MAX
0.120
(3.0) MIN
0.100
(2.5) TYP
0.018
±0.005
(0.46
±0.13) DIA.
14 PINS
0.87
(22.1
0.5)
CTL
RF 1
–
+
RF 2
DI-1
q
q
q
q
q
q
Dimensions in () are in mm.
Unless Otherwise Noted: .xxx = ±0.010
(.xx = ±0.25)


Similar Part No. - SW-137

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
More results

Similar Description - SW-137

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
Reflective SPDT GaAs MMIC Switch
logo
ANADIGICS, Inc
AWS5516 ANADIGICS-AWS5516 Datasheet
60Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.2
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
GaAs IC SPDT Reflective Switch DC-2.0 GHz
Rev 1.0
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-137-PIN MA-COM-SW-137-PIN Datasheet
59Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
Hexawave, Inc
HWS408_V6 HW-HWS408_V6_15 Datasheet
58Kb / 2P
GaAs DC-3 GHz SPDT Switch
HWS507_V3 HW-HWS507_V3 Datasheet
113Kb / 3P
GaAs 0.5 -3 GHz SPDT Switch
logo
Analog Devices
HMC986A AD-HMC986A Datasheet
324Kb / 11P
0.1 GHz to 50 GHz, GaAs, MMIC Reflective SPDT Switch
7/2019-Rev. A to Rev. B
logo
TECH PUBLIC Electronics...
TPAS179-92LF TECHPUBLIC-TPAS179-92LF Datasheet
3Mb / 5P
GaAs DC-3 GHz SPDT Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com