Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-137 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-137
Description  GaAs SPDT Reflective Switch 0.01 - 3 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-137 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-137 Datasheet HTML 1Page - Tyco Electronics SW-137 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GaAs SPDT Reflective Switch
SW-137
V2.00
Functional Schematic (Top View)
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
+27 dBm
0.5 - 3.0 GHz
+34 dBm
Supply Voltages
V
CC
-0.5V to +16.5V
V
EE
-16.5V to +0.5V
Control Voltage
-0.5V to V
CC +0.5V
Operating Temperature
-55°C to +125°
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Typical Performance
INSERTION LOSS vs FREQUENCY
VSWR vs FREQUENCY
ISOLATION vs FREQUENCY
+85°C
+25°C
-55°C
RFC
RF1, RF2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.0
1.5
1.0
0.5
0.0
80
70
60
50
40
30
20
10
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
FREQUENCY (GHz)
FREQUENCY (GHz)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
Ordering Information2
Part No.
Package
SW-137 PIN
Dual Inline
2. Contact the factory for standard or custom
screening requirements
Truth Table
Condition of Switch
Control Inputs
RF Common to Each RF Port
C1
RF1
RF2
Low
On
Off
High
Off
On
C
1
GND
GND
RFC
GND
-VDC
+VDC
RF1
GND
GND
GND
GND
GND
RF2
Current (mA)
±9 V
±12 V
±15 V
V
CC
81115
V
EE
47
9
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com