Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-137-PIN Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SW-137-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SW-137-PIN
Download  SW-137-PIN Download
File Size   59.48 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz

SW-137-PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SW-137-PIN Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SW-137-PIN
Download  SW-137-PIN Click to download

File Size   59.48 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz

SW-137-PIN Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SW-137-PIN Product details

Description
M/A-COM’s SW-137 is a GaAs MMIC SPDT reflective switch with an integral Silicon ASIC driver. This device is in a 14-lead DIP package. These switches offer high intercept points over a wide bandwidth of operation, while maintaining low DC power dissipation. These switches exhibit excellent performance and repeatability from 0.01 to 3.0 GHz. The SW-137 is ideally suited for RF/IF communications applications. Contact the factory for environmental screening.

Features
• Isolation: 48 dB Typical at 1 GHz
• High Intercept Point Over Wide Bandwidth
• Trise, Tfall: 5 nS Typical
• DIP Package
• Integral TTL Driver (CMOS Compatible)
• 50 Ohm Nominal Impedance




Similar Part No. - SW-137-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
More results


Similar Description - SW-137-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-137 MACOM-SW-137 Datasheet
76Kb / 2P
GaAs SPDT Reflective Switch 0.01 - 3 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-137-PIN MACOM-SW-137-PIN Datasheet
123Kb / 3P
GaAs SPDT Reflective Switch, 0.01 - 3.0 GHz
logo
NEC
UPG2406TK NEC-UPG2406TK Datasheet
123Kb / 13P
0.01 to 3.0 GHz SPDT SWITCH
UPG2406TB NEC-UPG2406TB Datasheet
123Kb / 13P
0.01 to 3.0 GHz SPDT SWITCH
UPG2406T6R NEC-UPG2406T6R Datasheet
128Kb / 13P
0.01 to 3.0 GHz SPDT SWITCH
logo
California Eastern Labs
UPG2406TK CEL-UPG2406TK Datasheet
554Kb / 12P
0.01 to 3.0 GHz SPDT SWITCH
UPG2406TK CEL-UPG2406TK_09 Datasheet
554Kb / 12P
0.01 to 3.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
PG2406TB RENESAS-PG2406TB_15 Datasheet
246Kb / 15P
0.01 to 3.0 GHz SPDT SWITCH
PG2406TK RENESAS-PG2406TK_15 Datasheet
246Kb / 15P
0.01 to 3.0 GHz SPDT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com