Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N65 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

7N65 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # 7N65
Download  7N65 Download
File Size   549.66 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-CHANNEL MOSFET

7N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
7N65 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # 7N65
Download  7N65 Click to download

File Size   549.66 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-CHANNEL MOSFET

7N65 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


7N65 Product details

FEATURES
RDS(ON) = 1.2Ω @VGS = 10 V
Ultra low gate charge
Low reverse transfer Capacitance
Fast switching capability
Avalanche energy tested
Improved dv/dt capability, high ruggedness

APPLICATIONS
High efciency switch mode power supplies
Electronic lamp ballasts based on half bridge
LED power supplies




Similar Part No. - 7N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65 UTC-7N65 Datasheet
150Kb / 8P
7 Amps, 650 Volts 7 Amps, 650 Volts
7N65 UTC-7N65 Datasheet
180Kb / 6P
7.4 Amps, 650 Volts N-CHANNEL POWER MOSFET
7N65 UTC-7N65 Datasheet
173Kb / 6P
7.4A, 650V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
7N65 ISC-7N65 Datasheet
137Kb / 2P
Drain Current ID= 7A@ TC=25C
logo
Chongqing Pingwei Enter...
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
More results


Similar Description - 7N65

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com