Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S3103 Datasheet (PDF) - NXP Semiconductors

SL2S3103 Datasheet PDF - NXP Semiconductors
Part # SL2S3103
Download  SL2S3103 Download
File Size   671.23 Kbytes
Page   80 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ICODE 3 97pF

SL2S3103 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL2S3103 Datasheet PDF - NXP Semiconductors

Part # SL2S3103
Download  SL2S3103 Click to download

File Size   671.23 Kbytes
Page   80 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description ICODE 3 97pF

SL2S3103 Datasheet (HTML) - NXP Semiconductors


SL2S3103 Product details

1 General description
ICODE 3 High-cap is a new contactless HF-RFID chip with 97pF internal tuning capacitance. The chip offers
strong RF performance. It features a customizable digital Originality signature, to assure tag origin in cloning
detection, and offers enhanced privacy modes to protect user privacy. It is operated at 13.56MHz from longrange
HF-RFID readers and NFC phones, to support cross-range operations across manufacture, supply, and
usage chains. It is fully compatible with the ISO/IEC 15693 standard and NFC Forum Type 5 tag.
Fully backward-compatible with SLIX 2, the ICODE 3 supports new features:
• Fast read with up to 212 kbit/s
• Configurable 24-bit counter
• ASCII mirror feature option
• One-shot read-only memory lock
• Extra configuration memory with optional password protection
• Programmable originality signature with 32 bytes or 48 bytes
• 2.4 kbit user memory size
• Flexible user memory segmentation with separate access conditions

2 Features and benefits
2.1 ICODE 3 RF interface (ISO/IEC 15693)
• Contactless transmission of data and power (no battery needed)
• Operating distance of up to 1.5 m (depending on the antenna geometry)
• Operating frequency of 13.56 MHz (ISM, worldwide license freely available)
• Fast data transfer of up to 212 kbit/s
• High data integrity: 16-bit CRC, framing
• True anticollision feature
• Persistent quiet mode to enable faster inventory speed
• Write distance equal to read distance
• 97 pF internal resonance capacitance for small antenna form factors
2.2 EEPROM
• 2432 bits of user memory organized in 76 blocks of 4 bytes each. The last block is reserved for the 24-bit
counter feature.
• 50 years of data retention
• Write endurance of 100,000 cycles
2.3 Data protection
• 8-byte unique identifier
• 32-byte or 48-byte programmable originality signature
• Lock mechanism for each user memory block (write protection), and lock protection pointer for fast locking
• Lock mechanism for DSFID, AFI, EAS
• Password (32-bit) protected memory management for Read access
• Password (32-bit) protected memory management for Write access
• Password (32-bit) protected label Destroy
• Password (32-bit) protected privacy mode
• Password (32-bit) protected EAS and AFI functionality
• Password (32-bit) protected memory configuration
• 24-bit counter (NFC counter, or command-based counter with optional password protection)

3 Applications
• Product identification
• Product tracking and tracing
• Counterfeit protection
• Inventory management
• Smart-device consumable system communication
• Augmented mobile interaction




Similar Part No. - SL2S3103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S3003 NXP-SL2S3003 Datasheet
666Kb / 82P
ICODE 3 (TagTamper)
Rev. 3.0 - 28 March 2024
SL2S3003FUD NXP-SL2S3003FUD Datasheet
666Kb / 82P
ICODE 3 (TagTamper)
Rev. 3.0 - 28 March 2024
SL2S3003TT NXP-SL2S3003TT Datasheet
666Kb / 82P
ICODE 3 (TagTamper)
Rev. 3.0 - 28 March 2024
SL2S3003TTFUD NXP-SL2S3003TTFUD Datasheet
666Kb / 82P
ICODE 3 (TagTamper)
Rev. 3.0 - 28 March 2024
More results


Similar Description - SL2S3103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL1ICS3101 PHILIPS-SL1ICS3101 Datasheet
373Kb / 22P
I.CODE1 Label IC 97pF Chip Specification
July 2000
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
SL2S1402 NXP-SL2S1402 Datasheet
314Kb / 33P
ICODE ILT
Rev. 3.3-15 October 2019
SL2S1412 NXP-SL2S1412 Datasheet
321Kb / 34P
ICODE ILT-M
Rev. 3.3-15 October 2019
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S5002 NXP-SL2S5002 Datasheet
169Kb / 35P
ICODE SLIX-L
Rev. 3.4-27 August 2012
SL2S5302 NXP-SL2S5302 Datasheet
173Kb / 35P
ICODE SLIX-S
Rev. 3.2-27 August 2012
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
ICODE reader IC
Rev. 3.3-23 March 2010
SL2S6002 NXP-SL2S6002 Datasheet
218Kb / 14P
ICODE DNA
Rev. 3.0 ??16 June 2016
CLRM701 NXP-CLRM701 Datasheet
1Mb / 21P
Mifare® & ICODE contactless reader module
Rev. 3.2 - 24 May 2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com