Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1ICS3101 Datasheet (PDF) - NXP Semiconductors

SL1ICS3101 Datasheet PDF - NXP Semiconductors
Part # SL1ICS3101
Download  SL1ICS3101 Download
File Size   373.54 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description I.CODE1 Label IC 97pF Chip Specification

SL1ICS3101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL1ICS3101 Datasheet PDF - NXP Semiconductors

Part # SL1ICS3101
Download  SL1ICS3101 Click to download

File Size   373.54 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description I.CODE1 Label IC 97pF Chip Specification

SL1ICS3101 Datasheet (HTML) - NXP Semiconductors


SL1ICS3101 Product details

GENERAL DESCRIPTION

The I-CODE1 label IC is a dedicated chip for intelligent label applications for logistics and retail (including EAS) and for baggage and parcel identification in airline business and mail services.

The I-CODE system offers the possibility of operating labels simultaneously in the field of the reader antenna (anticollision). It is designed for long range applications.



FEATURES

• Operating frequency of 13.56 MHz

• 512-bit read/write memory

• Operating range up to 1.5 m with Electronic Article Surveillance (EAS) detection and up to 1.2 m for memory read and write

• Anticollision: simultaneous operation of several labels

• Reliable EAS detection avoids false alarms

• Data retention of 10 years

• Operating temperature from −25 to +70 °C

• In accordance with standards of the Federal Communications Commission (FCC 15 part 3) and European Telecommunications Standards Institute (ETSI EN 300 330 and EN 300 683)

• Open communication protocol

• Application identifier saves time.



APPLICATIONS

• I-CODE(1) system labels.



 




Similar Part No. - SL1ICS3101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL1ICS3001 PHILIPS-SL1ICS3001 Datasheet
376Kb / 22P
I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001U PHILIPS-SL1ICS3001U Datasheet
376Kb / 22P
I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001U/L6D PHILIPS-SL1ICS3001U/L6D Datasheet
376Kb / 22P
I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001U/N5D PHILIPS-SL1ICS3001U/N5D Datasheet
376Kb / 22P
I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3001W PHILIPS-SL1ICS3001W Datasheet
376Kb / 22P
I.CODE1 Label IC Chip Specification
2000-05-02
More results


Similar Description - SL1ICS3101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL1ICS3001 PHILIPS-SL1ICS3001 Datasheet
376Kb / 22P
I.CODE1 Label IC Chip Specification
2000-05-02
logo
SHANGHAI BELLING CO., L...
BL75R05 BELLING-BL75R05 Datasheet
240Kb / 5P
The BL75R05 IC is a dedicated chip for intelligent label applications
logo
List of Unclassifed Man...
HT191UY ETC2-HT191UY Datasheet
828Kb / 25P
Label Specifications
logo
Pepperl+Fuchs Inc.
ULB-18GM50-255-2E1 PF-ULB-18GM50-255-2E1 Datasheet
388Kb / 4P
Label sensor
ULB-18GM50-255-2E3 PF-ULB-18GM50-255-2E3 Datasheet
388Kb / 4P
Label sensor
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
Label - EV-LABEL-L
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
Label - EV-LABEL-C-SO
logo
Pepperl+Fuchs Inc.
HIALC-HICTF-SET-114 PF-HIALC-HICTF-SET-114 Datasheet
211Kb / 1P
Label Carrier
logo
NXP Semiconductors
SL2ICS20 NXP-SL2ICS20 Datasheet
44Kb / 12P
SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
December 2002
SL2-ICS20 NXP-SL2-ICS20 Datasheet
86Kb / 25P
Smart Label IC SL2 ICS20 Functional Specification
Revision 3.1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com