Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1ICS3101 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SL1ICS3101
Description  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SL1ICS3101 Datasheet HTML 3Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 4Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 5Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 6Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 7Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 8Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 9Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 10Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 7 of 22
Public
5.3 Memory Organisation
The 512 bit EEPROM memory is divided into 16 blocks. A block is the smallest access unit. Each
block consists of 4 bytes (1 block = 32 bits). Bit 0 in each byte represents the least significant bit
(LSB) and bit 7 the most significant bit (MSB), respectively.
Byte 0
Byte 1
Byte 2
Byte 3
Block 0
SNR0
SNR1
SNR2
SNR3
Serial Number (lower bytes)
Block 1
SNR4
SNR5
SNR6
SNR7
Serial Number (higher bytes)
Block 2
F0
FF
FF
FF
Write Access Conditions
Block 3
x
x
x
x
Special Functions (EAS/QUIET)
Block 4
x
x
x
x
Family Code/Application Identifier/User Data
Block 5
x
x
x
x
User Data
Block 6
x
x
x
x
:
Block 7
x
x
x
x
:
Block 8
x
x
x
x
:
Block 9
x
x
x
x
:
Block 10
x
x
x
x
:
Block 11
x
x
x
x
:
Block 12
x
x
x
x
:
Block 13
x
x
x
x
:
Block 14
x
x
x
x
:
Block 15
x
x
x
x
User Data
The values (in hexadecimal notation) shown in the table above are stored in the EEPROM after the
wafer production process. The content of blocks marked with ‘x’ in the table is not defined at
delivery.
5.3.1 Serial Number
The unique 64 bit serial number is stored in blocks 0 and 1 and is programmed during the
production process. SNR0 in the table represents the least significant byte and SNR7 the most
significant byte, respectively.
5.3.2 Write Access Conditions
The Write Access Condition bits in block 2 determine the write access conditions for each of the
16 blocks. These bits can be set only to 0 (and never be changed to 1), i.e. already write protected
blocks can never be written to from this moment on. This is also true for block 2. If this block is set
into write protected state by clearing of bits 4 and 5 at byte 0, no further changes in write access
conditions are possible.
Byte 0
Byte 1
Byte 2
Byte 3
âMSB
LSB
â
âMSB
LSB
â
âMSB
LSB
â
âMSB
LSB
â
Block 2:
Write Access
Conditions
|
1|1
|
|
1|1
|
|
0
|0
|
|
0
|0
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
|
1|1
|
for Block
à
3
2
1
0
7
6
5
4
11
10
9
8
15
14
13
12
Special
Funct.
Write
Access
Serial
Number
User
Data
..... ..... ..... ..... ..... ..... ..... ..... ..... ..... User
Data
The ones in the 16 pairs of bits have to be cleared together if the corresponding block is wanted to
be write protected forever (1|1 à write access enabled, 0|0 à write access disabled). Writing of bit
pairs 1|0 or 0|1 to block 2 is not allowed!
It is extremely important to be particularly careful when clearing the Write Access bits in
block 2, as you can lose write access to all of the blocks on the label in case of a mistake.
Of course you can use this feature to put the label into a hardware write protected state!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com