Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1ICS3101 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SL1ICS3101
Description  I.CODE1 Label IC 97pF Chip Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SL1ICS3101 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SL1ICS3101 Datasheet HTML 7Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 8Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 9Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 10Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 11Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 12Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 13Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 14Page - NXP Semiconductors SL1ICS3101 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Product Specification
SL1 ICS31 01
Rev. 1.2
July 2000
Page 11 of 22
Public
8 Documentation
8.1 Delivery Documentation
Each wafer container and each larger shipment container is individually marked with the
identification information as follows:
• Diffusion Batch number (wafer lot number)
• Part designation (type) with revision number
• Ordering code (see chapter 4)
• Date code of lot acceptation
• Good die quantity
The print out of the final test results is attached to the packing and contains the good die quantity
related to every wafer number.
8.2 Fail-Die Identification
Every die is electrically tested according to data sheet. Identification of chips, which do not confirm
with the electrical parameters of the data sheet is done by inking and/or wafer mapping (all dies at
wafer periphery are identified by ‘FAIL’).
8.2.1 Ink Dot Specification
Diameter:
min. 0.4 mm
Height:
max. 20 µm
Colour:
black
Position:
central third of die (x, y direction)
Attributes:
opaque, water resistant
NOTE: Uncompleted dies with an area < 95 % (wafer periphery) are not inked!
8.2.2 Wafer Mapping
Wafer mapping for failed die identification is available on Floppy-Disk.
Format:
Electroglas ESC–ASCEND on 3.5
″ Floppy-Disk
NOTE: The wafer map refers to unsawn wafers. At sawn wafers (on FFC) additional ICs
might be inked (marked as fail) if damaged during the sawing process (compared to
wafer map)!
See Appendix D for an example of the wafer map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com