Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL75R05 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL75R05 Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL75R05
Download  BL75R05 Download
File Size   240.77 Kbytes
Page   5 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description The BL75R05 IC is a dedicated chip for intelligent label applications

BL75R05 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL75R05 Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL75R05
Download  BL75R05 Click to download

File Size   240.77 Kbytes
Page   5 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description The BL75R05 IC is a dedicated chip for intelligent label applications

BL75R05 Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL75R05 Product details

Description
The BL75R05 IC is a dedicated chip for intelligent label applications like supply chain management as well as baggage and parcel identification in airline business and mail services. The BL75R05 is designed for long range applications. BL75R05 IC can be operated without line of sight up to a distance of 60cm (gate width). No battery is needed. When the smart label is positioned in the field of an interrogator antenna, the high speed RF communication interface allows to transmit data with up to 53kbit/s. An intelligent anti-collision function allows to operate more than one tag in the field simultaneously. Unique Identifiers, which can not be altered, guarantee the uniqueness of each label.

Features
• RF Interface (ISO/IEC 15693 compliant)
• Contact-less transmission of data and supply energy (no battery needed)
• Operating distance: up to 60cm (depending on antenna geometry)
• Operating frequency: 13.56 MHz
• Fast data transfer: up to 53 kbit/s
• High data integrity: 16 Bit CRC, framing
• True anti-collision
• Electronic Article Surveillance (EAS)
• Application Family Identifier (AFI) supported
• Data Storage Format Identifier (DSFID)
• Additional fast anti-collision read
• Write distance equal to read distance
• 1024 bits EEPROM, organized in 32 blocks of 4 byte each
• Data retention of 10 years
• Write endurance 100.000 cycles
• Unique identifier for each device
• Lock mechanism for each user memory block (write protection)
• Lock mechanism for DSFID, AFI, EAS




Similar Part No. - BL75R05

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL75R02 BELLING-BL75R02 Datasheet
185Kb / 5P
BL75R02
BL75R04 BELLING-BL75R04 Datasheet
256Kb / 5P
BL75R04
BL75R04SM BELLING-BL75R04SM Datasheet
144Kb / 3P
BL75R04SM is a ISO15693 full-compliant IC for intelligent label application
BL75R06 BELLING-BL75R06 Datasheet
262Kb / 7P
BL75R06
BL75R06SM BELLING-BL75R06SM Datasheet
379Kb / 9P
BL75R06SM Contactless smart card chip consists of the RF-Interface
More results


Similar Description - BL75R05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL1ICS3001 PHILIPS-SL1ICS3001 Datasheet
376Kb / 22P
I.CODE1 Label IC Chip Specification
2000-05-02
SL1ICS3101 PHILIPS-SL1ICS3101 Datasheet
373Kb / 22P
I.CODE1 Label IC 97pF Chip Specification
July 2000
logo
King blillion Electroni...
HE83R125 KB-HE83R125 Datasheet
322Kb / 18P
This chip is suitable for the applications that require higher performance
logo
SHANGHAI BELLING CO., L...
BL75R04SM BELLING-BL75R04SM Datasheet
144Kb / 3P
BL75R04SM is a ISO15693 full-compliant IC for intelligent label application
logo
STMicroelectronics
AN2340 STMICROELECTRONICS-AN2340 Datasheet
121Kb / 10P
RPD is a dedicated timing pin for the return from Power Down circuit
24-Sep-2013
AN2691 STMICROELECTRONICS-AN2691 Datasheet
131Kb / 10P
RPD is a dedicated timing pin for the return-from-power-down circuit
06-Mar-2008
logo
PHOENIX CONTACT
0804195 PHOENIX-0804195 Datasheet
57Kb / 3P
The EML-RM label is ideal for temporary marking.
logo
Nuvoton Technology Corp...
N567K081 NUVOTON-N567K081 Datasheet
519Kb / 11P
The N567K081 is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
N567KXXX NUVOTON-N567KXXX Datasheet
638Kb / 15P
The N567Kxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
W567BXXX NUVOTON-W567BXXX Datasheet
494Kb / 13P
The W567Bxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis applications.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com