Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL75R04SM Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL75R04SM Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL75R04SM
Download  BL75R04SM Download
File Size   144.78 Kbytes
Page   3 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description BL75R04SM is a ISO15693 full-compliant IC for intelligent label application

BL75R04SM Datasheet (PDF)

Go To PDF Page Download Datasheet
BL75R04SM Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL75R04SM
Download  BL75R04SM Click to download

File Size   144.78 Kbytes
Page   3 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description BL75R04SM is a ISO15693 full-compliant IC for intelligent label application

BL75R04SM Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL75R04SM Product details

Description
BL75R04SM is a ISO15693 full-compliant IC for intelligent label application like retail as well as baggage and parcel identification in airline business and mail services, access control, ticketing, product authentication, livestock ID, document tracking. The operating frequency of the IC is 13.56MHz. Depending on antenna geometry, the operating distance is up to 1.2m(gate width).

Features
• Contactless transmission of data and supply energy (no battery needed)
• ISO15693 compliant
• Operating frequency: 13.56MHz
• Operating distance: Up to 1.2m(gate width)
• Fast data transfer: 26.5 Kbit/s
• High data integrity: 16 Bit CRC, framing
• Anti-collision
• 2K bits available user memory, organized in 64 blocks of 4 byte each
• Programming time>=2.5mS
• Data retention of 10 years
• Write endurance 100,000 cycles
• Unique identifier for each device
• Support individual lock for each block (write protection)




Similar Part No. - BL75R04SM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL75R04 BELLING-BL75R04 Datasheet
256Kb / 5P
BL75R04
More results


Similar Description - BL75R04SM

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
EM4035 EMMICRO-EM4035 Datasheet
93Kb / 1P
13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
EM4135 EMMICRO-EM4135 Datasheet
76Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
EM4233 EMMICRO-EM4233 Datasheet
50Kb / 1P
2k bit Read/Write High Secure ISO15693 Standard Compliant Device
logo
SHANGHAI BELLING CO., L...
BL75R05 BELLING-BL75R05 Datasheet
240Kb / 5P
The BL75R05 IC is a dedicated chip for intelligent label applications
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1_14 Datasheet
242Kb / 3P
The A2530E24AZ1 is a high-performance, FCC & IC certified and ETSI compliant radio
logo
Renesas Technology Corp
RAJ2800024H11HPF RENESAS-RAJ2800024H11HPF Datasheet
869Kb / 28P
Intelligent Power Device for automotive application
RAJ2800024H12HPF RENESAS-RAJ2800024H12HPF Datasheet
883Kb / 29P
Intelligent Power Device for automotive application
RAJ2800034H12HPF RENESAS-RAJ2800034H12HPF Datasheet
881Kb / 29P
Intelligent Power Device for automotive application
RAJ2800044H12HPF RENESAS-RAJ2800044H12HPF Datasheet
876Kb / 29P
Intelligent Power Device for automotive application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com