Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908QL4 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC908QL4 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC908QL4
Download  MC68HC908QL4 Download
File Size   2917.32 Kbytes
Page   226 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC08 Microcontrollers

MC68HC908QL4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC908QL4 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC908QL4
Download  MC68HC908QL4 Click to download

File Size   2917.32 Kbytes
Page   226 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC08 Microcontrollers

MC68HC908QL4 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC908QL4 Product details

Introduction
The MC68HC908QL4 is a member of the low-cost, high-performance M68HC08 family of 8-bit microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

Features
Features include:
• High-performance M68HC08 CPU core
• Fully upward-compatible object code with M68HC05 Family
• 5-V and 3.3-V operating voltages (VDD)
• 8-MHz internal bus operation at 5 V, 4-MHz at 3.3 V
• Software configurable input clock from either internal or external source
• Trimmable internal oscillator
   – Selectable 1 MHz, 2 MHz, or 3.2MHz or 6.4 MHz internal bus operation
   – 8-bit trim capability
   – Trimmable to approximately 0.4%(1)
   – ± 25% untrimmed
• Software selectable crystal oscillator range, 32–100 kHz, 1–8 MHz, and 8–32 MHz
• Auto wakeup from STOP capability using dedicated internal 32-kHz RC or bus clock source
• On-chip in-application programmable FLASH memory
   – Internal program/erase voltage generation
   – Monitor ROM containing user callable program/erase routines
   – FLASH security(2)
• On-chip random-access memory (RAM)
(Continue ...)




Similar Part No. - MC68HC908QL4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908QL4 MOTOROLA-MC68HC908QL4 Datasheet
2Mb / 222P
Microcontrollers
logo
Freescale Semiconductor...
MC68HC908QL4 FREESCALE-MC68HC908QL4 Datasheet
148Kb / 36P
On-Chip FLASH Programming Routines
MC68HC908QL4 FREESCALE-MC68HC908QL4 Datasheet
2Mb / 226P
M68HC08 Microcontrollers
MC68HC908QL4 FREESCALE-MC68HC908QL4_10 Datasheet
2Mb / 226P
M68HC08 Microcontrollers
More results


Similar Description - MC68HC908QL4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908AZ32A FREESCALE-MC68HC908AZ32A Datasheet
3Mb / 324P
M68HC08 Microcontrollers
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
M68HC08 Microcontrollers
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
M68HC08 Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com