Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908QL4 Datasheet (PDF) - Motorola, Inc

MC68HC908QL4 Datasheet PDF - Motorola, Inc
Part # MC68HC908QL4
Download  MC68HC908QL4 Download
File Size   2861.84 Kbytes
Page   222 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

MC68HC908QL4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC908QL4 Datasheet PDF - Motorola, Inc

Part # MC68HC908QL4
Download  MC68HC908QL4 Click to download

File Size   2861.84 Kbytes
Page   222 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

MC68HC908QL4 Datasheet (HTML) - Motorola, Inc


MC68HC908QL4 Product details

Introduction
The MC68HC908QL4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

Features
Features include:
• High-performance M68HC08 CPU core
• Fully upward-compatible object code with M68HC05 Family
• 5-V and 3.3-V operating voltages (VDD)
• 8-MHz internal bus operation at 5 V, 4-MHz at 3.3 V
• Software configurable input clock from either internal or external source
• Trimmable internal oscillator
   – Selectable 1 MHz, 2 MHz, or 3.2MHz or 6.4 MHz internal bus operation
   – 8-bit trim capability
   – Trimmable to approximately 0.4%(1)
   – ± 25% untrimmed
• Software selectable crystal oscillator range, 32–100 kHz, 1–8 MHz, and 8–32 MHz
• Auto wakeup from STOP capability using dedicated internal 32-kHz RC or bus clock source
• On-chip in-application programmable FLASH memory
   – Internal program/erase voltage generation
   – Monitor ROM containing user callable program/erase routines
   – FLASH security(2)
• On-chip random-access memory (RAM)
• Slave LIN interface controller (SLIC) module
   – Full LIN messaging buffering of Identifier and 8 data bytes
   – Automatic baud rate and LIN message frame synchronization:
      No prior programming of bit rate required, 1–20 kbps LIN bus speed operation
      All LIN messages will be received (no message loss due to synchronization process)
      Input clock tolerance as high as ±50%, allowing internal oscillator to remain untrimmed
      Incoming break symbols allowed to be 10 to 20 bit times without message loss
      Supports automatic software trimming of internal oscillator using LIN synchronization data
   – Automatic processing and verification of LIN SYNCH BREAK and SYNCH BYTE
   – Automatic checksum calculation and verification with error reporting
   – Maximum of 2 interrupts per LIN message frame
   – Full LIN error checking and reporting
   – High-speed LIN capability up to 83.33 kbps to 120.00 kbps
   – Switchable UART-like byte transfer mode for processing bytes one at a time without LIN
      message framing constraints
   – Configurable digital receive filter
• 2-channel, 16-bit timer interface module (TIM) with external clock source input
• 6-channel, 10-bit analog-to-digital converter (ADC) with internal bandgap reference channel
   (ADC10)
• 6-bit keyboard interrupt with wakeup feature (KBI)
   – Programmable for rising/falling or high/low level detect
   – Software selectable to use internal or external pullup/pulldown device
• External asynchronous interrupt pin with internal pullup (IRQ)
• Master asynchronous reset pin with internal pullup (RST)
• 13 bidirectional input/output (I/O) lines and one input only:
   – Six shared with keyboard interrupt function
   – Six shared with ADC10
   – Two shared with TIM
   – Two shared with SLIC
   – One shared with reset
   – One input only shared with external interrupt (IRQ)
   – High current sink/source capability
   – Selectable pullups on all ports (pullup/down on port A), selectable on an individual bit basis
   – Three-state ability on all port pins
• Low-voltage inhibit (LVI) module features:
   – Software selectable trip point in CONFIG register
• System protection features:
   – Computer operating properly (COP) watchdog
   – Low-voltage detection with reset
   – Illegal opcode detection with reset
   – Illegal address detection with reset
• Power-on reset
• Memory mapped I/O registers
• Power saving stop and wait modes
• Available packages:
   – 16-pin small outline integrated circuit (SOIC) package
   – 16-pin thin shrink small outline package (TSSOP)

Features of the CPU08 include the following:
• Enhanced HC05 programming model
• Extensive loop control functions
• 16 addressing modes (eight more than the HC05)
• 16-bit index register and stack pointer
• Memory-to-memory data transfers
• Fast 8 × 8 multiply instruction
• Fast 16/8 divide instruction
• Binary-coded decimal (BCD) instructions
• Optimization for controller applications
• Efficient C language support




Similar Part No. - MC68HC908QL4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908QL4 FREESCALE-MC68HC908QL4 Datasheet
148Kb / 36P
On-Chip FLASH Programming Routines
MC68HC908QL4 FREESCALE-MC68HC908QL4 Datasheet
2Mb / 226P
M68HC08 Microcontrollers
MC68HC908QL4 FREESCALE-MC68HC908QL4 Datasheet
2Mb / 226P
M68HC08 Microcontrollers
MC68HC908QL4 FREESCALE-MC68HC908QL4_10 Datasheet
2Mb / 226P
M68HC08 Microcontrollers
More results


Similar Description - MC68HC908QL4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com