Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2614BT-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2614BT-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2614BT-R
Download  SE2614BT-R Download
File Size   276.21 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz High Efficiency Wireless LAN Front-End

SE2614BT-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2614BT-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2614BT-R
Download  SE2614BT-R Click to download

File Size   276.21 Kbytes
Page   11 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 2.4 GHz High Efficiency Wireless LAN Front-End

SE2614BT-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2614BT-R Product details

Features
 Dual Mode IEEE802.11b, IEEE802.11g,
IEEE802.11n
 Integrated PA, TX Filter, SP3T switch
 Integrated Positive Slope Power Detector
 20 dBm Output Power, 802.11b, 11 Mbps
 18 dBm @ 3.0 % EVM, 802.11g, 3.3V
 Lead free, halogen free and RoHS compliant
 Small plated package, 3 mm x 3 mm x 0.6 mm,
MSL 1

Product Description
The SE2614BT is a complete 802.11bgn WLAN RF
front-end module providing all the functionality of the
power amplifier, power detector, SP3T Switch and 50
ohm matching on all RF ports in an ultra compact
form factor.
The SE2614BT is designed for ease of use, with all
the critical matching and harmonic filtering integrated.
The SE2614BT also includes a transmitter power
detector with 20 dB of dynamic range and a digital
enable control for transmitter power on/off control.
The power ramp rise/fall time is 0.1 μs typical.




Similar Part No. - SE2614BT-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2611T SKYWORKS-SE2611T Datasheet
482Kb / 9P
2.4 GHz High Efficiency Front End for WLAN and Bluetooth® Applications
January 30, 2023
SE2611T-EK1 SKYWORKS-SE2611T-EK1 Datasheet
482Kb / 9P
2.4 GHz High Efficiency Front End for WLAN and Bluetooth® Applications
January 30, 2023
SE2613T SKYWORKS-SE2613T Datasheet
742Kb / 11P
2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
December 6, 2022
SE2613T-EK1 SKYWORKS-SE2613T-EK1 Datasheet
742Kb / 11P
2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
December 6, 2022
SE2613T-R SKYWORKS-SE2613T-R Datasheet
742Kb / 11P
2.4 GHz Front-End for Wireless LAN and Bluetooth® Applications
December 6, 2022
More results


Similar Description - SE2614BT-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
logo
Microchip Technology
SST12LF09 MICROCHIP-SST12LF09 Datasheet
364Kb / 15P
2.4 GHz High-Gain, High-Efficiency Front-end Module
2013
logo
Skyworks Solutions Inc.
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com