Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2614BT-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2614BT-R
Description  2.4 GHz High Efficiency Wireless LAN Front-End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2614BT-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2614BT-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DATA SHEET
SE2614BT: 2.4 GHz High Efficiency Wireless LAN Front-End
Skyworks Solutions, Inc.
• Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202394D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • June 14, 2023
5
AC Electrical Characteristics
802.11g/n Transmit Characteristics
Conditions: VCC = EN = CTX = 3.3 V, CPORT1 = CPORT2 = 0 V, TA = 25
°C, as measured on Skyworks
Solutions’ SE2614BT-EK1 evaluation board, all unused ports terminated with 50 ohms, unless
otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
2400
-
2500
MHz
POUT
Output Power
54 Mbps OFDM signal, 64
QAM, 3% EVM
-
18
-
dBm
ACPR,
IEEE
Mask
Spectral Mask
POUT = 20 dBm, 11 Mbps
CCK, BT = 0.45
11 – 22 MHz
22 – 33 MHz
-
-35
-55
-
dBc
P1dB
P1dB
-
-
25
-
dBm
S21
Small Signal Gain
-
-
30
-
dB
∆S21_T
Small Signal Gain vs
Temp
Measured at single freq
from -40°C to 85°C
-1.5
+1.5
dB
ΔS21
Small Signal Gain
Variation
Gain variation over single
40MHz channel
Gain Variation over band
-
-
0.5
1.1
-
-
dB
S213.2
Gain @ limit 3.2Ghz
3206 to 3312 MHz
-
10
15
dB
2f
Harmonics
POUT = 20 dBm, 1 Mbps,
DSSS
-
-50
-45
dBm/MHz
3f
-
-50
-45
dBm/MHz
tdr, tdf
Delay and rise/fall
Time
50 % of VEN edge and
90/10 % of final output
power level
-
0.2
-
μs
S11
Input Return Loss
-
-
10
-
dB
STAB
Stability
CW, POUT = 20 dBm
0.1 GHz – 20 GHz
Load VSWR = 6:1
All non-harmonically related outputs less than
-42 dBm/MHz
RU
Ruggedness
PIN = 12dBm,
Load VSWR = 6:1
No permanent damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com