Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2614BT-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2614BT-R
Description  2.4 GHz High Efficiency Wireless LAN Front-End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2614BT-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2614BT-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2614BT-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DATA SHEET
SE2614BT: 2.4 GHz High Efficiency Wireless LAN Front-End
Skyworks Solutions, Inc.
• Phone [949] 231-3000 • sales@skyworksinc.com • www.skyworksinc.com
202394D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • June 14, 2023
2
Pin Out Diagram
Figure 2: SE2614BT Pin Out (Top View Through Package)
Pin Out Description
Pin
Name
Description
Pin
Name
Description
1
DET
Power Detector output
11
CPORT2
Switch Control Logic – Port 2 path
2
EN
TX Enable
12
CPORT1
Switch Control Logic – Port 1 path
3
VCC0
Supply Voltage – Pre-driver & Driver
13
GND
Ground
4
TXIN
TX input
14
ANT
Antenna Output
5
GND
Ground
15
GND
Ground
6
GND
Ground
16
GND
Ground
7
PORT1
Port 1 – May be used for RX or BT
17
GND
Ground
8
GND
Ground
18
Vcc3
Supply Voltage Power Stage
9
PORT2
Port 2 – May be used for RX or BT
19
GND
Ground
10
CTX
Switch Control Logic – TX path
20
Vcc2
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com