Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1909427 Datasheet (PDF) - PHOENIX CONTACT

1909427 Datasheet PDF - PHOENIX CONTACT
Part # 1909427
Download  1909427 Download
File Size   679.53 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCT 2,5/ 4-STF - PCB connector

1909427 Datasheet (PDF)

Go To PDF Page Download Datasheet
1909427 Datasheet PDF - PHOENIX CONTACT

Part # 1909427
Download  1909427 Click to download

File Size   679.53 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCT 2,5/ 4-STF - PCB connector

1909427 Datasheet (HTML) - PHOENIX CONTACT


1909427 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
4, number of rows: 1, number of positions: 4, number of connections: 4, product range: FKCT
2,5/..-STF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB
2,5, locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Screwable flange for superior mechanical stability
• Optimized for tight installation situations: operation and conductor connection from one direction
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1909427

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1909401 PHOENIX-1909401 Datasheet
163Kb / 6P
MDSTB 2,5/ 2-G
1909414 PHOENIX-1909414 Datasheet
768Kb / 21P
FKCT 2,5/ 3-STF - PCB connector
1909430 PHOENIX-1909430 Datasheet
710Kb / 19P
FKCT 2,5/ 5-STF - PCB connector
1909443 PHOENIX-1909443 Datasheet
677Kb / 19P
FKCT 2,5/ 6-STF - PCB connector
1909456 PHOENIX-1909456 Datasheet
156Kb / 5P
MSTB 2,5/ 7-GF
More results


Similar Description - 1909427

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1909566 PHOENIX-1909566 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCT 2,5/18-STF
1919734 PHOENIX-1919734 Datasheet
346Kb / 11P
PCB connector - MSTBT 2,5/ 4-STF
Nov 30, 2022
1902411 PHOENIX-1902411 Datasheet
1Mb / 22P
FKCT 2,5/13-STF-5,08 - PCB connector
1909414 PHOENIX-1909414 Datasheet
768Kb / 21P
FKCT 2,5/ 3-STF - PCB connector
1912977 PHOENIX-1912977 Datasheet
397Kb / 14P
MVSTBW 2,5 HC/ 4-STF - PCB connector
1902437 PHOENIX-1902437 Datasheet
1Mb / 22P
FKCT 2,5/15-STF-5,08 - PCB connector
1861483 PHOENIX-1861483 Datasheet
424Kb / 14P
FKCOR 2,5/ 4-STF-5,08 - PCB connector
1909430 PHOENIX-1909430 Datasheet
710Kb / 19P
FKCT 2,5/ 5-STF - PCB connector
1912537 PHOENIX-1912537 Datasheet
400Kb / 14P
MVSTBR 2,5 HC/ 4-STF - PCB connector
1860798 PHOENIX-1860798 Datasheet
410Kb / 14P
FKCOW 2,5/ 4-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com