Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530DQ Datasheet (PDF) - Monolithic Power Systems

MP1530DQ Datasheet PDF - Monolithic Power Systems
Part # MP1530DQ
Download  MP1530DQ Download
File Size   195.66 Kbytes
Page   5 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Triple Output Step-Up Plus Charge Pump for TFT Bias

MP1530DQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1530DQ Datasheet PDF - Monolithic Power Systems

Part # MP1530DQ
Download  MP1530DQ Click to download

File Size   195.66 Kbytes
Page   5 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Triple Output Step-Up Plus Charge Pump for TFT Bias

MP1530DQ Datasheet (HTML) - Monolithic Power Systems


MP1530DQ Product details

DESCRIPTION
The EV0055 evaluation board is designed to demonstrate the capabilities of MPS’ MP1530 triple output step-up converter which is capable of powering a TFT panel from a regulated 3.3V or 5V.
The MP1530 includes a 1.4MHz fixed-frequency step-up converter and a positive and negative linear regulator. The linear regulators are powered from a charge-pump driven by the step-up converter switch node (SW).

FEATURES
• 2.7 to 5.5V Operating Input Range
• 2.8A Switch Current Limit
• 3 Outputs In Single Package
    • Step-Up Converter up to 22V
    • Positive 20mA Linear Regulator
    • Negative 20mA Linear Regulator
• 250mΩ Internal Power MOSFET Switch
• Up to 95% Efficiency
• 1µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Positive Regulator up to 38V
• Negative Regulator down to –20V
• Internal Power-On Sequencing
• Adjustable Soft-Start/Fault Timer
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Under Voltage Lockout
• Ready Flag

APPLICATIONS
• TFT LCD Displays
• Portable DVD Players
• Tablet PCs
• Car Navigation Displays




Similar Part No. - MP1530DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1530DQ MPS-MP1530DQ Datasheet
358Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias
More results


Similar Description - MP1530DQ

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
Step-Up Charge Pump ICs
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
Triple-Output Charge Pump Regulator
logo
Monolithic Power System...
EV0074 MPS-EV0074 Datasheet
245Kb / 5P
Triple Output TFT Bias Converter
EV1531DQ-002A MPS-EV1531DQ-002A Datasheet
268Kb / 5P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias
MP1531 MPS-MP1531 Datasheet
352Kb / 12P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
Charge Pump Step-up Power Supply
August, 2013
logo
Texas Instruments
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
logo
Monolithic Power System...
MPQ1530 MPS-MPQ1530 Datasheet
710Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias AEC-Q100 Qualified
EVQ1531-M-00A MPS-EVQ1531-M-00A Datasheet
274Kb / 7P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com