Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA608 Datasheet (PDF) - NXP Semiconductors

SA608 Datasheet PDF - NXP Semiconductors
Part # SA608
Download  SA608 Download
File Size   178.49 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage high performance mixer FM IF system

SA608 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA608 Datasheet PDF - NXP Semiconductors

Part # SA608
Download  SA608 Click to download

File Size   178.49 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage high performance mixer FM IF system

SA608 Datasheet (HTML) - NXP Semiconductors


SA608 Product details

DESCRIPTION
The SA608 is a low voltage high performance monolithic FM IF system incorporating a mixer/oscillator, two limiting intermediate frequency amplifiers, quadrature detector, logarithmic received signal strength indicator (RSSI), voltage regulator and audio and RSSI op amps. The SA608 is available in 20-lead dual-in-line plastic, 20-lead SOL (surface-mounted miniature package) and 20-lead SSOP package.

FEATURES
• Low power consumption: 3.5mA typical at 3V
• Mixer input to >150MHz
• Mixer conversion power gain of 17dB at 45MHz
• XTAL oscillator effective to 150MHz (L.C. oscillator or external oscillator can be used at higher frequencies)
• 102dB of IF Amp/Limiter gain
• 2MHz limiter small signal bandwidth
• Temperature compensated logarithmic Received Signal Strength Indicator (RSSI) with a 90dB dynamic range
• Low external component count; suitable for crystal/ceramic/LC filters
• Excellent sensitivity: 0.31µV into 50Ω matching network for 12dB SINAD (Signal to Noise and Distortion ratio) for 1kHz tone, 8kHz deviation with RF at 45MHz and IF at 455kHz
• SA608 meets cellular radio specifications
• Audio output internal op amp
• RSSI output internal op amp
• Buffered frequency check output
• Internal op amps with rail-to-rail outputs
• ESD protection: Human Body Model 2kV Robot Model 200V

APPLICATIONS
• Portable cellular radio FM IF
• Cordless phones
• Narrow band cellular applications (NAMPS/NTACS)
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers
• Log amps
• Portable high performance communication receivers
• Single conversion VHF receivers
• Wireless systems




Similar Part No. - SA608

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA60 WTE-SA60 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA60 BYTES-SA60 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA60 DCCOM-SA60 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA60 EIC-SA60 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA608

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
High performance low power mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
High performance low power mixer FM IF system
1997 Nov 07
SA616 PHILIPS-SA616 Datasheet
160Kb / 17P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
Low-voltage high performance mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com