Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA616 Datasheet (PDF) - NXP Semiconductors

SA616 Datasheet PDF - NXP Semiconductors
Part # SA616
Download  SA616 Download
File Size   160.39 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage high performance mixer FM IF system

SA616 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA616 Datasheet PDF - NXP Semiconductors

Part # SA616
Download  SA616 Click to download

File Size   160.39 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage high performance mixer FM IF system

SA616 Datasheet (HTML) - NXP Semiconductors


SA616 Product details

DESCRIPTION

The SA616 is a low-voltage high performance monolithic FM IF system incorporating a mixer/oscillator, two limiting intermediate frequency amplifiers, quadrature detector, logarithmic received signal strength indicator (RSSI), voltage regulator and audio and RSSI op amps. The SA616 is available in 20-lead SSOP (shrink small outline package).



FEATURES

• Low power consumption: 3.5mA typical at 3V

• Mixer input to >150MHz

• Mixer conversion power gain of 17dB at 45MHz

• XTAL oscillator effective to 150MHz (L.C. oscillator or external oscillator can be used at higher frequencies)

• 102dB of IF Amp/Limiter gain

• 2MHz IF amp/limiter small signal bandwidth

• Temperature compensated logarithmic Received Signal Strength Indicator (RSSI) with a 80dB dynamic range

• Low external component count; suitable for crystal/ceramic/LC filters

• Excellent sensitivity: 0.31µV into 50Ω matching network for 12dB SINAD (Signal to Noise and Distortion ratio) for 1kHz tone with RF at 45MHz and IF at 455kHz

• SA616 meets cellular radio specifications

• Audio output internal op amp

• RSSI output internal op amp

• Internal op amps with rail-to-rail outputs

• ESD protection: Human Body Model 2kV

                        Robot Model 200V



APPLICATIONS

• Portable cellular radio FM IF

• Cordless phones

• Wireless systems

• RF level meter

• Spectrum analyzer

• Instrumentation

• FSK and ASK data receivers

• Log amps

• Portable high performance communication receiver

• Single conversion VHF receivers



 




Similar Part No. - SA616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
More results


Similar Description - SA616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
High performance low power mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA608 PHILIPS-SA608 Datasheet
178Kb / 14P
Low voltage high performance mixer FM IF system
November 3, 1992
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
High performance low power mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
Low-voltage high performance mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com