Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA616 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA616
Description  Low-voltage high performance mixer FM IF system
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA616 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA616 Datasheet HTML 1Page - NXP Semiconductors SA616 Datasheet HTML 2Page - NXP Semiconductors SA616 Datasheet HTML 3Page - NXP Semiconductors SA616 Datasheet HTML 4Page - NXP Semiconductors SA616 Datasheet HTML 5Page - NXP Semiconductors SA616 Datasheet HTML 6Page - NXP Semiconductors SA616 Datasheet HTML 7Page - NXP Semiconductors SA616 Datasheet HTML 8Page - NXP Semiconductors SA616 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Philips Semiconductors
Product specification
SA616
Low-voltage high performance mixer FM IF system
2
1997 Nov 07
853-1676 18665
DESCRIPTION
The SA616 is a low-voltage high performance monolithic FM IF
system incorporating a mixer/oscillator, two limiting intermediate
frequency amplifiers, quadrature detector, logarithmic received
signal strength indicator (RSSI), voltage regulator and audio and
RSSI op amps. The SA616 is available in 20-lead SSOP (shrink
small outline package).
The SA616 was designed for portable communication applications
and will function down to 2.7V. The RF section is similar to the
famous SA615. The audio and RSSI outputs have amplifiers with
access to the feedback path. This enables the designer to adjust
the output levels or add filtering.
FEATURES
• Low power consumption: 3.5mA typical at 3V
• Mixer input to >150MHz
• Mixer conversion power gain of 17dB at 45MHz
• XTAL oscillator effective to 150MHz (L.C. oscillator or external
oscillator can be used at higher frequencies)
• 102dB of IF Amp/Limiter gain
• 2MHz IF amp/limiter small signal bandwidth
• Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a 80dB dynamic range
• Low external component count; suitable for crystal/ceramic/LC
filters
• Excellent sensitivity: 0.31µV into 50Ω matching network for 12dB
SINAD (Signal to Noise and Distortion ratio) for 1kHz tone with RF
at 45MHz and IF at 455kHz
• SA616 meets cellular radio specifications
• Audio output internal op amp
• RSSI output internal op amp
• Internal op amps with rail-to-rail outputs
• ESD protection: Human Body Model 2kV
Robot Model 200V
PIN CONFIGURATION
RF IN+
RF IN- DECOUPLING
OSCOUT
OSCIN
RSSI OUT
7
MIXER OUT
IF AMP IN
IF AMP OUT
GND
LIMITER IN
LIMITER OUT
VCC
DK Package
AUDIO FEEDBACK
8
RSSI FEEDBACK
9
QUADRATURE IN 10
IF AMP DECOUPLING
AUDIO OUT
IF AMP DECOUPLING
LIMITER DECOUPLING
LIMITER DECOUPLING
2
1
3
4
5
6
20
19
18
17
16
15
14
13
12
11
SR00367
Figure 1. Pin Configuration
APPLICATIONS
• Portable cellular radio FM IF
• Cordless phones
• Wireless systems
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers
• Log amps
• Portable high performance communication receiver
• Single conversion VHF receivers
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Shrink Small Outline Package (SSOP) (Surface-mount)
-40 to +85
°C
SA616DK
SOT266-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Single supply voltage
7
V
TSTG
Storage temperature range
-65 to +150
°C
TA
Operating ambient temperature range
-40 to +85
°C
θJA
Thermal impedance
DK package
117
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com