Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA616 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA616
Description  Low-voltage high performance mixer FM IF system
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA616 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA616 Datasheet HTML 1Page - NXP Semiconductors SA616 Datasheet HTML 2Page - NXP Semiconductors SA616 Datasheet HTML 3Page - NXP Semiconductors SA616 Datasheet HTML 4Page - NXP Semiconductors SA616 Datasheet HTML 5Page - NXP Semiconductors SA616 Datasheet HTML 6Page - NXP Semiconductors SA616 Datasheet HTML 7Page - NXP Semiconductors SA616 Datasheet HTML 8Page - NXP Semiconductors SA616 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Philips Semiconductors
Product specification
SA616
Low-voltage high performance mixer FM IF system
1997 Nov 07
3
BLOCK DIAGRAM
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
RSSI
IF
AMP
EB
VREG
OSCILLATOR
LIMITER
MIXER
QUAD
+–
+
–
AUDIO
SR00368
Figure 2. Block Diagram
DC ELECTRICAL CHARACTERISTICS
VCC = +3V, TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Power supply voltage range
2.7
7.0
V
ICC
DC current drain
3.5
5.0
mA
AC ELECTRICAL CHARACTERISTICS
TA = 25°C; VCC = +3V, unless otherwise stated. RF frequency = 45MHz + 14.5dBV RF input step-up; IF frequency = 455kHz; R17 = 2.4kΩ
and R18 = 3.3k
Ω; RF level = -45dBm; FM modulation = 1kHz with ±8kHz peak deviation. Audio output with de-emphasis filter and C-message
weighted filter. Test circuit Figure 3. The parameters listed below are tested using automatic test equipment to assure consistent electrical
characterristics. The limits do not represent the ultimate performance limits of the device. Use of an optimized RF layout will improve many of
the listed parameters.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Mixer/Osc section (ext LO = 220mVRMS)
fIN
Input signal frequency
150
MHz
fOSC
Crystal oscillator frequency
150
MHz
Noise figure at 45MHz
6.8
dB
Third-order input intercept point (50
Ω
source)
f1 = 45.0; f2 = 45.06MHz
Input RF level = -52dBm
-9
dBm
Conversion power gain
Matched 14.5dBV step-up
11
17
dB
50
Ω source
+2.5
dB
RF input resistance
Single-ended input
8
k
Ω
RF input capacitance
3.0
4.0
pF
Mixer output resistance
(Pin 20)
1.25
1.5
k
Ω
IF section
IF amp gain
50
Ω source
44
dB
Limiter gain
50
Ω source
58
dB
Input limiting -3dB, R17a = 2.4k, R17b = 3.3k
Test at Pin 18
-105
dBm
AM rejection
80% AM 1kHz
40
dB
Audio level
Gain of two (2k
Ω AC load)
60
120
mV
SINAD sensitivity
IF level -110dBm
17
dB
THD
Total harmonic distortion
-30
-45
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com