Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA616 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA616
Description  Low-voltage high performance mixer FM IF system
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA616 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA616 Datasheet HTML 9Page - NXP Semiconductors SA616 Datasheet HTML 10Page - NXP Semiconductors SA616 Datasheet HTML 11Page - NXP Semiconductors SA616 Datasheet HTML 12Page - NXP Semiconductors SA616 Datasheet HTML 13Page - NXP Semiconductors SA616 Datasheet HTML 14Page - NXP Semiconductors SA616 Datasheet HTML 15Page - NXP Semiconductors SA616 Datasheet HTML 16Page - NXP Semiconductors SA616 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Philips Semiconductors
Product specification
SA616
Low-voltage high performance mixer FM IF system
1997 Nov 07
13
2.400
2.000
1.600
1.200
0.800
0.400
0.000
–95
–85
–75
–65
–55
–45
–35
–25
–15
–5
5
IF LEVEL (dBm)
+85
°C
-40
°C
ROOM
SR00381
Figure 15. RSSI (455kHz IF @ 3V)
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
–125
–115
–105
–95
–85
–75
–65
–55
–45
–35
–25
RF LEVEL (dBm)
+85
°C
+27
°C
-40
°C
SR00382
Figure 16. RSSI vs RF Level and Temperature - VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com