Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA608 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA608
Description  Low voltage high performance mixer FM IF system
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA608 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA608 Datasheet HTML 1Page - NXP Semiconductors SA608 Datasheet HTML 2Page - NXP Semiconductors SA608 Datasheet HTML 3Page - NXP Semiconductors SA608 Datasheet HTML 4Page - NXP Semiconductors SA608 Datasheet HTML 5Page - NXP Semiconductors SA608 Datasheet HTML 6Page - NXP Semiconductors SA608 Datasheet HTML 7Page - NXP Semiconductors SA608 Datasheet HTML 8Page - NXP Semiconductors SA608 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA608
Low voltage high performance mixer FM IF system
2
November 3, 1992
853-1679 08108
DESCRIPTION
The SA608 is a low voltage high performance
monolithic FM IF system incorporating a
mixer/oscillator, two limiting intermediate
frequency amplifiers, quadrature detector,
logarithmic received signal strength indicator
(RSSI), voltage regulator and audio and RSSI
op amps. The SA608 is available in 20-lead
dual-in-line plastic, 20-lead SOL
(surface-mounted miniature package) and
20-lead SSOP package.
The SA608 was designed for portable
communication applications and will function
down to 2.7V. The RF section is similar to
the famous NE605. The audio output is
buffered. The RSSI output has an internal
amplifier with the feedback pin accessible.
The SA608 also has an extra limiter output.
This signal is buffered from the output of the
limiter and can be used to perform frequency
check. This is accomplished by comparing a
reference frequency with the frequency check
signal using a comparator to a varactor or
PLL at the oscillator inputs.
FEATURES
• Low power consumption: 3.5mA typical at
3V
• Mixer input to >150MHz
• Mixer conversion power gain of 17dB at
45MHz
• XTAL oscillator effective to 150MHz (L.C.
oscillator or external oscillator can be used
at higher frequencies)
• 102dB of IF Amp/Limiter gain
• 2MHz limiter small signal bandwidth
• Temperature compensated logarithmic
Received Signal Strength Indicator (RSSI)
with a 90dB dynamic range
• Low external component count; suitable for
crystal/ceramic/LC filters
• Excellent sensitivity: 0.31µV into 50Ω
matching network for 12dB SINAD (Signal
to Noise and Distortion ratio) for 1kHz tone,
8kHz deviation with RF at 45MHz and IF at
455kHz
• SA608 meets cellular radio specifications
• Audio output internal op amp
• RSSI output internal op amp
• Buffered frequency check output
• Internal op amps with rail-to-rail outputs
• ESD protection: Human Body Model 2kV
Robot Model 200V
APPLICATIONS
• Portable cellular radio FM IF
• Cordless phones
• Narrow band cellular applications
(NAMPS/NTACS)
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers
• Log amps
• Portable high performance communication
receivers
• Single conversion VHF receivers
• Wireless systems
PIN CONFIGURATION
RF IN+
RF IN–
OSC-
OUT
OSCIN
RSSI
7
20 MIXER OUT
19
18 IF AMP IN
17
16 IF AMP OUT
15 GND
14 LIMITER IN
13
12
LIMITER
VCC
D, DK and N Packages
AUDIO
8
FREQ CHECK/
9
QUADRATURE 10
IF AMP
LIM OUT (–)
IN
DECOUPLING
IF AMP
DECOUPLING
LIMITER
DECOUPLING
LIMITER
DECOUPLING
1
DECOUPLING
2
3
4
5
6
11
OUT (+)
RSSI
FEEDBACK
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA608N
0408B
20-Pin Plastic Small Outline Large (SOL) package (Surface-mount)
-40 to +85
°C
SA608D
0172D
20-Pin Plastic Shrink Small Outline Package (SSOP) (Surface-mount)
-40 to +85
°C
SA608DK
1563


Similar Part No. - SA608

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA60 WTE-SA60 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA60 BYTES-SA60 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA60 DCCOM-SA60 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA60 EIC-SA60 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA608

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
High performance low power mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
High performance low power mixer FM IF system
1997 Nov 07
SA616 PHILIPS-SA616 Datasheet
160Kb / 17P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
Low-voltage high performance mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com