Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA608 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA608
Description  Low voltage high performance mixer FM IF system
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA608 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA608 Datasheet HTML 6Page - NXP Semiconductors SA608 Datasheet HTML 7Page - NXP Semiconductors SA608 Datasheet HTML 8Page - NXP Semiconductors SA608 Datasheet HTML 9Page - NXP Semiconductors SA608 Datasheet HTML 10Page - NXP Semiconductors SA608 Datasheet HTML 11Page - NXP Semiconductors SA608 Datasheet HTML 12Page - NXP Semiconductors SA608 Datasheet HTML 13Page - NXP Semiconductors SA608 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA608
Low voltage high performance mixer FM IF system
November 3, 1992
14
2.400
2.000
1.600
1.200
0.800
0.400
0.000
–95
–85
–75
–65
–55
–45
–35
–25
–15
–5
5
Figure 13. RSSI (455kHz IF @ 3V)
IF LEVEL (dBm)
+85
°C
–40
°C
ROOM
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
–125
–115
–105
–95
–85
–75
–65
–55
–45
–35
–25
RF LEVEL (dBm)
+85
°C
+27
°C
–40
°C
Figure 14. RSSI vs RF Level and Temperature - VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com