Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1CAN Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

PESD1CAN Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # PESD1CAN
Download  PESD1CAN Download
File Size   426.47 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description (TVS/ESD) 24V 45V 300W 27V ESD

PESD1CAN Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD1CAN Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # PESD1CAN
Download  PESD1CAN Click to download

File Size   426.47 Kbytes
Page   4 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description (TVS/ESD) 24V 45V 300W 27V ESD

PESD1CAN Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


PESD1CAN Product details

Features
■ 200 W peak pulse power (tp =8/20μs)
■ Bidirectional configurations
■ Solid-state silicon-avalanche technology
■ Low clamping voltage
■ Low leakage current
■ IEC 61000-4-2 ±30kV contact ±30kV air
■ IEC 61000-4-4 (EFT) 40A(5/50ns)
■ IEC 61000-4-5 (Lightning) 3A(8/20μs)




Similar Part No. - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1CAN PHILIPS-PESD1CAN Datasheet
84Kb / 12P
CAN bus ESD protection diode in SOT23
Rev. 01-25 January 2005
PESD1CAN PHILIPS-PESD1CAN Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PESD1CAN NXP-PESD1CAN Datasheet
97Kb / 12P
CAN bus ESD protection diode
Rev. 04-15 February 2008
logo
TECH PUBLIC Electronics...
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
CAN bus ESD protection diode
Rev. 04 - 15 February 2008
More results


Similar Description - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLS08A054LV RUILON-RLS08A054LV Datasheet
941Kb / 7P
TVS/ESD Arrays
RLS08A288LV RUILON-RLS08A288LV Datasheet
808Kb / 7P
TVS/ESD Arrays
RLSD32AXXXC RUILON-RLSD32AXXXC Datasheet
728Kb / 7P
TVS/ESD Arrays
RLSO16A058LC RUILON-RLSO16A058LC Datasheet
735Kb / 7P
TVS/ESD Arrays
RLST23A72C RUILON-RLST23A72C Datasheet
927Kb / 9P
TVS/ESD Arrays
RLST23AXXXV RUILON-RLST23AXXXV Datasheet
956Kb / 9P
TVS/ESD Arrays
RLST363A054LV RUILON-RLST363A054LV Datasheet
1Mb / 8P
TVS/ESD Arrays
RLS08A2.88LC RUILON-RLS08A2.88LC Datasheet
902Kb / 8P
TVS/ESD Arrays
RLSD32A RUILON-RLSD32A Datasheet
764Kb / 7P
TVS/ESD Arrays
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
TVS/ESD Arrays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com