Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1CAN Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # PESD1CAN
Description  (TVS/ESD) 24V 45V 300W 27V ESD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

PESD1CAN Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  PESD1CAN Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1CAN Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1CAN Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED PESD1CAN Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Outline Drawing – SOT-23
0.25
A
A2
A1
PESD1CAN
Ordering information
Order code
Package
Base qty
Delivery mode
SOT-23
3000
Tape and reel
D
3
E1 E
1
2
b
e
L
θ
DIMENSIONS
SYMBOL
MILLIMETER
INCHES
MIN
MAX
MIN
MAX
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
D
2.800
3.000
0.110
0.118
b
0.300
0.500
0.012
0.020
E
2.250
2.550
0.089
0.100
E1
1.200
1.400
0.047
0.055
e
0.950 BSC
0.037 BSC
L
0.300
0.500
0.012
0.020
θ
0
8○
0
8○
PESD1CAN
Rev:2023A2
4
WAN
Marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com